Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 877 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 877 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 873Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 874Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 875Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 876Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 877Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 881Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 877 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
28-23
Figure 28-11. Synchronization with SMSYN
x
If both SMCMR[REN] and SMCMR[TEN] are set, the first falling edge of SMSYN causes both the
transmitter and receiver to achieve synchronization. The SMC transmitter can be disabled and reenabled
and SMSYN can be used again to resynchronize the transmitter itself. Section 28.2.4, “Disabling SMCs
On-the-Fly,” describes how to safely disable and reenable the SMC. Simply clearing and setting TEN may
be insufficient. The receiver can also be resynchronized this way.
28.4.5
Using the Time-Slot Assigner (TSA) for Synchronization
The TSA offers an alternative to using SMSYN to internally synchronize the SMC channel. This method
is similar, except that the synchronization event is the first time-slot for this SMC receiver/transmitter after
the frame sync indication rather than the falling edge of SMSYN. Chapter 15, “Serial Interface with
Time-Slot Assigner,” describes how to configure time slots. The TSA allows the SMC receiver and
transmitter to be enabled simultaneously and synchronized separately; SMSYN does not provide this
capability. Figure 28-12 shows synchronization using the TSA.
SMCLK
SMSYN
SMTXD
1s are sent
Five 1s are sent
TEN set
here
Tx FIFO
loaded
approximately
here
Five 1s
assume
character
length
equals 5
First bit of
first 5-bit
transmit
character
(lsb)
Transmission
could begin
here if Tx FIFO
not loaded
in time
SMSYN
detected
low here
SMCLK
SMSYN
SMRXD
REN set
here or
First bit
of receive
data
(lsb)
SMSYN
detected
low here
enter hunt
mode
command
issued
NOTES:
SMCLK is an internal clock derived from an external
CLKx or a baud rate generator.
1.
This example shows the SMC receiver and transmitter
2.
enabled separately. If the REN and TEN bits were set at
the same time, a single falling edge of SMSYN would
synchronize both.
SMC1 Transmit Data
SMC1 Receive Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com