Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 879 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 879 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 875Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 876Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 877Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 883Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 879 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
28-25
describes how to safely disable and reenable the SMC. Simply clearing and setting TEN may not be
enough.
28.4.6
SMC Transparent Commands
Table 28-10 describes transmit commands issued to the CPCR.
Table 28-11 describes receive commands issued to the CPCR.
28.4.7
Handling Errors in the SMC Transparent Controller
The SMC uses BDs and the SMCE to report message send and receive errors.
Table 28-10. SMC Transparent Transmit Commands
Command
Description
STOP
TRANSMIT
After hardware or software is reset and the channel is enabled in the SMCM, the channel is in transmit enable
mode and polls the first BD. This command disables transmission of frames on the transmit channel. If the
transparent controller receives this command while sending a frame, it stops after the contents of the FIFO are
sent (up to 2 characters). The TBPTR is not advanced to the next BD, no new BD is accessed, and no new
buffers are sent for this channel. The transmitter sends idles until a RESTART TRANSMIT command is issued.
RESTART
TRANSMIT
Starts or resumes transmission from the current TBPTR in the channel TxBD table. When the channel receives
this command, it polls the R bit in this BD. The SMC expects this command after a STOP TRANSMIT is issued.
The channel in its mode register is disabled or after a transmitter error occurs.
INIT TX
PARAMETERS
Initializes transmit parameters in this serial channel to reset state. Use only if the transmitter is disabled. The
INIT TX AND RX PARAMETERS
command resets transmit and receive parameters.
Table 28-11. SMC Transparent Receive Commands
Command
Description
ENTER HUNT
MODE
Forces the SMC to close the current receive BD if it is in use and to use the next BD for subsequent
data. If the SMC is not receiving data, the buffer is not closed. Additionally, this command causes the
receiver to wait for a resynchronization before reception resumes.
CLOSE RXBD
Forces the SMC to close the current receive BD if it in use and to use the next BD in the list for
subsequent received data. If the SMC is not in the process of receiving data, no action is taken.
iNIT RX
PARAMETERS
Initializes receive parameters in this serial channel to reset state. Use only if the receiver is disabled.
The INIT TX AND RX PARAMETERS command resets receive and transmit parameters.
Table 28-12. SMC Transparent Error Conditions
Error
Descriptions
Underrun
The channel stops sending the buffer, closes it, sets UN in the BD, and generates a TXE interrupt if it is
enabled. The channel resumes sending after a RESTART TRANSMIT command. Underrun cannot occur
between frames.
Overrun
The SMC maintains an internal FIFO for receiving data. If the buffer is in external memory, the CP
begins programming the SDMA channel when the first character is received into the FIFO. If a FIFO
overrun occurs, the SMC writes the received data character over the previously received character. The
previous character and its status bits are lost. Then the channel closes the buffer, sets OV in the BD,
and generates the RXB interrupt if it is enabled. Reception continues as normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com