Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 883 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 883 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 884Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 885Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 886Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 887Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 883 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
28-29
28.4.11 SMC Transparent NMSI Programming Example
The following example initializes the SMC1 transparent channel over its own set of signals. The CLK9
signal supplies the transmit and receive clocks; the SMSYNx signal is used for synchronization. (The SMC
UART programming example uses a BRG configuration; see Section 28.3.12, “SMC UART Controller
Programming Example.”)
1. Configure the port D pins to enable SMTXD1, SMRXD1, and SMSYN1. Set PPARD[7,8,9] and
PDIRD[9]. Clear PDIRD[7,8] and PSORD[7,8,9].
2. Configure the port C pins to enable CLK9. Set PPARC[23]. Clear PDIRC[23] and PSORC[23].
3. Connect CLK9 to SMC1 using the CPM mux. Clear CMXSMR[SMC1] and program
CMXSMR[SMC1CS] to 0b11.
4. In address 0x87FC, assign a pointer to the SMC1 parameter RAM.
5. Write RBASE and TBASE in the SMC parameter RAM to point to the RxBD and TxBD in the
dual-port RAM. Assuming one RxBD at the beginning of the dual-port RAM followed by one
TxBD, write RBASE with 0x0000 and TBASE with 0x0008.
6. Write 0x1D01_0000 to CPCR to execute the INIT RX AND TX PARAMETERS command.
7. Write RFCR and TFCR with 0x10 for normal operation.
8. Write MRBLR with the maximum bytes per receive buffer. Assuming 16 bytes MRBLR = 0x0010.
9. Initialize the RxBD assuming the buffer is at 0x0000_1000 in main memory. Write 0xB000 to
RxBD[Status and Control], 0x0000 to RxBD[Data Length] (optional), and 0x0000_1000 to
RxBD[Buffer Pointer].
10. Initialize the TxBD assuming the Tx buffer is at 0x0000_2000 in main memory and contains five
8-bit characters. Write 0xB800 to TxBD[Status and Control], 0x0005 to TxBD[Data Length], and
0x0000_2000 to TxBD[Buffer Pointer].
11. Write 0xFF to SMCE1 to clear any previous events.
12. Write 0x13 to SMCM1 to enable all possible SMC1 interrupts.
13. Write 0x0000_1000 to the SIU interrupt mask register low (SIMR_L) so the SMC1 can generate a
system interrupt. Write 0xFFFF_FFFF to the SIU interrupt pending register low (SIPNR_L) to
clear events.
14. Write 0x3830 to the SMCMR to configure 8-bit characters, unreversed data, and normal operation
(not loopback). The transmitter and receiver are not enabled yet.
6
TXB
Tx buffer. Set after a buffer is sent. If the L bit of the TxBD is set, TXB is set when the last character
starts being sent. A one character-time delay is required to ensure that data is completely sent over
the transmit signal. If the L bit of the TxBD is cleared, TXB is set when the last character is written
to the transmit FIFO. A two character-time delay is required to ensure that data is completely sent.
7
RXB
Rx buffer. Set when a buffer is received (after the last character is written) on the SMC channel and
its associated RxBD is now closed.
Table 28-16. SMCE/SMCM Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com