Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 885 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 885 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 884Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 885Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 886Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 887Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 888Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 889Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 885 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
28-31
28.5.2
Handling the GCI Monitor Channel
The following sections describe how the GCI monitor channel is handled.
28.5.2.1
SMC GCI Monitor Channel Transmission Process
Monitor channel 0 is used to exchange data with a layer 1 device (reading and writing internal registers
and transferring of the S and Q bits). Monitor channel 1 is used for programming and controlling
voice/data modules such as CODECs. The core writes the byte into the TxBD. The SMC sends the data
on the monitor channel and handles the A and E control bits according to the GCI monitor channel
protocol. The TIMEOUT command resolves deadlocks when errors in the A and E bit states occur on the
data line.
28.5.2.2
SMC GCI Monitor Channel Reception Process
The SMC receives data and handles the A and E control bits according to the GCI monitor channel
protocol. When the CP stores a received data byte in the SMC RxBD, a maskable interrupt is generated.
A TRANSMIT ABORT REQUEST command causes the MPC8280 to send an abort request on the E bit.
28.5.3
Handling the GCI C/I Channel
The C/I channel is used to control the layer 1 device. The layer 2 device in the TE sends commands and
receives indication to or from the upstream layer 1 device through C/I channel 0. In the SCIT
configuration, C/I channel 1 is used to convey real-time status information between the layer 2 device and
nonlayer 1 peripheral devices (CODECs).
28.5.3.1
SMC GCI C/I Channel Transmission Process
The core writes the data byte into the C/I TxBD and the SMC transmits the data continuously on the C/I
channel to the physical layer device.
0x0E
M_TxD 2
Half
word
Monitor Tx Data
0x10
CI_RxD 2
Half
word
C/I Rx Data
0x12
CI_TxD 2
Half
word
C/I Tx Data
1 From the pointer value programmed in SMCx_BASE: SMC1_BASE at 0x87FC, SMC2_BASE at 0x88FC.
2 RSTATE, M_RxD, M_TxD, CI_RxD, and CI_TxD do not need to be accessed by the user in normal operation, and are
reserved for RISC use only.
Table 28-17. SMC GCI Parameter RAM Memory Map (continued)
Offset 1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com