Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 887 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 887 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 884Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 885Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 886Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 887Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 888Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 889Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 890Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 891Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 887 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
28-33
28.5.6
SMC GCI Monitor Channel TxBD
The CP uses this BD, shown in Figure 28-16, to report about the monitor channel transmit byte.
Table 28-20 describes SMC monitor channel TxBD fields.
28.5.7
SMC GCI C/I Channel RxBD
The CP uses this BD, seen in Figure 28-17, to report information about the C/I channel receive byte.
4–7
—
Reserved, should be cleared.
8–15
DATA
Data field. Contains the monitor channel data byte that the SMC received.
0123
78
15
Offset + 0
R
L
AR
—DATA
Figure 28-16. SMC Monitor Channel TxBD
Table 28-20. SMC Monitor Channel TxBD Field Descriptions
Bits
Name
Description
0
R
Ready.
0 Cleared by the CP after transmission. The TxBD is now available to the core.
1 Set by the core when the data byte associated with this BD is ready for transmission.
1
L
Last (EOM). Valid only for monitor channel protocol. When L = 1, the SMC first transmits the buffer
data and then transmits the EOM indication on the E bit.
2
AR
Abort request. Valid only for monitor channel protocol. Set by the SMC when an abort request is
received on the A bit. The transmitter sends the EOM on the E bit after receiving an abort request.
3–7
—
Reserved, should be cleared.
8–15
DATA
Data field. Contains the data to be sent by the SMC on the monitor channel.
01
78
13
14
15
Offset + 0
E
—
C/I DATA
—
Figure 28-17. SMC C/I Channel RxBD
Table 28-19. SMC Monitor Channel RxBD Field Descriptions
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com