Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 863 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 863 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 859Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 860Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 861Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 862Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 863Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 864Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 865Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 866Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 867Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 863 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
28-9
28.2.4.1
SMC Transmitter Full Sequence
Follow these steps to fully enable or disable the SMC transmitter:
1. If the SMC is sending data, issue a STOP TRANSMIT command to stop transmission smoothly. If the
SMC is not sending, if TBPTR is overwritten, or if an INIT TX PARAMETERS command is executed,
this command is not required.
2. Clear SMCMR[TEN] to disable the SMC transmitter and put it in reset state.
3. Update SMC transmit parameters, including the parameter RAM. To switch protocols or
reinitialize parameters, issue an INIT TX PARAMETERS command.
4. Issue a RESTART TRANSMIT if an INIT TX PARAMETERS was issued in step 3.
5. Set SMCMR[TEN]. Transmission now begins using the TxBD that the TBPTR value pointed to as
soon as the R bit is set in the TxBD.
28.2.4.2
SMC Transmitter Shortcut Sequence
This shorter sequence reinitializes transmit parameters to the state they had after reset.
1. Clear SMCMR[TEN].
2. Issue an INIT TX PARAMETERS command and make any additional changes.
3. Set SMCMR[TEN].
28.2.4.3
SMC Receiver Full Sequence
Follow these steps to fully enable or disable the receiver:
1. Clear SMCMR[REN]. Reception is aborted immediately, which disables the SMC receiver and
puts it in a reset state.
2. Modify SMC receive parameters, including parameter RAM. To switch protocols or reinitialize
SMC receive parameters, issue an INIT RX PARAMETERS command.
3. Issue a CLOSE RXBD command if INIT RX PARAMETERS was not issued in step 2.
4. Set SMCMR[REN]. Reception immediately uses the RxBD that RBPTR pointed to if E is set in
the RxBD.
28.2.4.4
SMC Receiver Shortcut Sequence
This shorter sequence reinitializes receive parameters to their state after reset.
1. Clear SMCMR[REN].
2. Issue an INIT RX PARAMETERS command and make any additional changes.
3. Set SMCMR[REN].
28.2.4.5
Switching Protocols
To switch the protocol that the SMC is executing without resetting the board or affecting any other SMC,
use one command and follow these steps:
1. Clear SMCMR[REN] and SMCMR[TEN].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com