Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 858 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 858 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 854Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 855Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 856Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 857Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 858Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 859Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 860Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 861Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 862Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 858 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
28-4
Freescale Semiconductor
28.2.2
SMC Buffer Descriptor Operation
In UART and transparent modes, the SMC’s memory structure is like the SCC’s, except that
SMC-associated data is stored in buffers. Each buffer is referenced by a BD and organized in a BD table
located in the dual-port RAM. See Figure 28-3.
6
PEN
Parity enable. (UART)
0No parity.
1 Parity is enabled for the transmitter and receiver as determined by the PM bit.
BS
Byte sequence(transparent). Controls the byte transmission sequence if REVD is set for a character
length greater than 8 bits. Clear BS to maintain behavior compatibility with MC68360 QUICC.
0 Normal mode. This should be selected if the character length is not larger than 8 bits.
1 Transmit lower address byte first.
—
Reserved, should be cleared. (GCI)
7
PM
Parity mode. (UART)
0 Odd parity.
1 Even parity.
REVD
Reverse data. (transparent)
0 Normal mode.
1 Reverse the character bit order. The msb is sent first.
C#
SCIT channel number. (GCI)
0 SCIT channel 0
1 SCIT channel 1. Required for Siemens ARCOFI and SGS S/T chips.
8–9
—
Reserved, should be cleared.
10–11
SM
SMC mode.
00 GCI or SCIT support.
01 Reserved.
10 UART (must be selected for SMC UART operation).
11 Totally transparent operation.
12–13
DM
Diagnostic mode.
00 Normal operation.
01 Local loopback mode.
10 Echo mode.
11 Reserved.
14
TEN
SMC transmit enable.
0 SMC transmitter disabled.
1 SMC transmitter enabled.
15
REN
SMC receive enable.
0 SMC receiver disabled.
1 SMC receiver enabled.
Table 28-1. SMCMR1/SMCMR2 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com