Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 853 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 853 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 849Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 850Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 851Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 852Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 853Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 854Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 855Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 856Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 857Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 853 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
27-37
•
TxBD[Data Length] of endpoint 2 should contain 0x0003.
•
RxBD[Status and Control] of the host endpoint should contain 0x3C00.
•
RxBD[Data Length] of the host endpoint should contain 0x0005.
•
The receive buffer of the host endpoint should contain 0xABCD_122B, 0x42xx_xxxx.
27.11 Programming the USB Host Controller (Transaction-Level)
The MPC8280 implementation of a USB host uses the endpoint represented by USEP1 to control the host
transmission and reception. The other endpoints are typically not used, except for testing purposes
(loop-back).
Programming the USB controller to act as host is similar to configuring an endpoint for function operation.
A general outline of how to program the host controller follows. (A more detailed example can be found
in Section 27.11.1, “USB Host Controller Initialization Example.”)
•
Set the host bit in the mode register (USBMOD[HOST] = 1) to configure the controller as a host.
•
Set the multi-frame bit in the endpoint configuration register (USEP1[MF] = 1) to allow
SETUP/OUT tokens and DATA0/DATA1 packets to be sent back-to-back.
•
Set USEP1[RTE] to enable the transaction-level interface.
•
Clock the USB host controller as a high speed function (48-MHz reference clock).
•
For low-speed transactions with an external hub, set TrBD[LSP]. This causes the USB host
controller to generate a preamble (PRE token) at full speed before changing the transmit rate to low
speed and sending the token. After completion of the transaction, the host returns to full-speed
operation.
27.11.1 USB Host Controller Initialization Example
The following is a local loopback example initialization sequence for the USB controller operating as a
host. It can be used to set up the host endpoint and one function endpoint to demonstrate an IN token
transaction.
1. Program CMXSCR to provide a 48 MHz clock to the USB controller.
2. Program the Port Registers to select USBRXD, USBRXP, USBRXN, USBTXP, USBTXN, and
USBOE.
3. Write (DPRAM+0x500) to EP1PTR, (DPRAM+0x520) to EP2PTR to set up the endpoint pointers.
4. Write 0x0020 to DPRAM+0x502 to set up the TBASE field of the host endpoint parameter RAM.
5. Write 0x1818 to DPRAM+0x504 to set up the RFCR and TFCR fields of the host endpoint
parameter RAM.
6. Write 0x0020 to DPRAM+0x50a to set up the TBPTR field of the host endpoint parameter RAM.
7. Clear the TSTATE field of the host endpoint parameter RAM.
8. Initialize the HIMMR field of the host endpoint parameter RAM.
9. Write 0x0008_0028 to DPRAM+0x520 to set up the RBASE and TBASE fields of the endpoint 2
parameter RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com