Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 848 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 848 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 844Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 845Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 846Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 847Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 848Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 849Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 850Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 851Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 852Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 848 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-32
Freescale Semiconductor
27.7 USB CP Commands
The following transmit commands are issued to the CP command register (CPCR). Refer to
Section 14.4.1, “CP Command Register (CPCR).”
27.7.1
STOP Tx Command
This command disables the transmission of data on the selected endpoint. After issuing the command the
corresponding Endpoint FIFO should be flushed. No further transmissions will take place until the Restart
Tx Command is issued.
0x04
0–31
Data Buffer Pointer
The data buffer pointer. The buffer may reside in either internal or external
memory.
For OUT/SETUP transactions, this points to the buffer containing the data
packet to transmit. It may have any alignment. For IN transactions, this points to
the buffer into which the data packet should be received, The pointer must be
divisible by 4.
0x08
0–1
TOK
Token Type
This field determines the type of token to be transmitted and the type of
transaction.
00 SETUP
01 OUT
10 IN
11 Reserved
2
—
Reserved, should be cleared.
3
ISO
Isochronous
This bit indicates that the transaction is isochronous, so no handshake is
required.
0 Bulk/Control/Interrupt. The handshake packet is automatically expected or
generated by the USB Host Controller.
1 Isochronous. No handshake packets are expected or generated.
This bit actually controls the value that is written to USEP1[TM] before
processing this transaction.
5
—
Reserved, should be cleared.
5–8
ENDP
Endpoint
This field indicates the endpoint number to be included in the token.
9–15
ADDR
Address
This field indicates the device address to be included in the token.
0x0A
0–15
—
Reserved, should be cleared.
1 Written by the USB controller after it finishes sending or receiving the associated data buffer.
Table 27-19. USB Host TrBD Fields (continued)
Offset
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com