Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 838 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 838 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 834Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 835Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 836Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 837Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 838Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 839Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 840Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 841Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 842Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 838 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-22
Freescale Semiconductor
Table 27-14 describes USBS fields.
27.5.7.8
USB Start of Frame Timer (USSFT)
NOTE
The USSFT described in this section is available only on .13
µm (HiP7)
Revision A.0 and future devices.
When enabled by USMOD[SFTE], the USSFT contains the current time within the frame with a resolution
of one bit time. When the value of USSFT wraps from 11,999 to 0, a CP interrupt is asserted to trigger the
transmission of a SOF packet, and USBER[SFT] is set
The USSFT may be read at any time.
Table 27-13 describes USSFT fields.
27.6
USB Buffer Descriptor Ring
The data associated with the USB channel is stored in buffers that are referenced by BDs organized in BD
rings located in the dual-port RAM (refer to Figure 27-17). These rings have the same basic configuration
as those used by the SCCs and SMCs.
There are up to four separate transmit BD rings and four separate receive BD rings, one for each endpoint.
The BD ring allows the user to define buffers for transmission and buffers for reception. Each BD ring
forms a circular queue. The CP confirms reception and transmission or indicates error conditions using the
BDs to inform the processor that the buffers have been serviced.
Table 27-14. USBS Fields
Bit
Name
Description
0–6
—
Reserved
7
IDLE
Idle status. IDLE is set when an idle condition is detected on the USB lines, it is cleared when
the bus is not idle.
012
15
Field
SFT
Reset
0010_1110_1101_1000
R/W
R
Addr
0x11B78
Figure 27-16. USB Start of Frame Timer (USSFT)
Table 27-15. USSFT Fields
Bit
Name
Description
0–1
—
Reserved, should be cleared.
2–15
SFT
Start of Frame Time. This field contains the number of bit times since the last SOF trigger.
Note that the actual SOF transmission occurs slightly later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com