Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 835 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 835 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 831Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 832Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 833Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 834Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 835Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 836Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 837Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 838Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 839Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 835 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
27-19
10
MF
Enable multi-frame. For USB function controller
allows loading of the next transmit packet into the
FIFO before transmission completion of the
previous packet.
0 Transmit FIFO may hold only one packet
1 Transmit FIFO may hold more than one packet
Note: For USB function configuration: Should be
cleared unless the endpoint is configured for
ISO transfer mode.
Enable multi-frame for USB host controller. Should
be always set.
11
RTE
Retransmit enable for USB function controller
0 No retransmission
1 Automatic frame retransmission is enabled. The
frame will be retransmitted if transmit error
occurred (time-out).
Note: May be set only if the transmit packet is
contained in a single buffer. If it is not,
retransmission should be handled by
software intervention.
Note: Should be set to zero for endpoint which is
configured for ISO transfer mode
Transaction-level interface for USB host controller.
0 Packet-level interface as described in
Section 27.5.1.1, “Packet-Level Interface.”
1 Transaction-level interface as described in
Section 27.5.1.2, “Transaction-Level Interface.”
12–13
THS
Transmit hand shake for USB function controller.
This field determines the response to an IN
transaction.
00 Normal handshake
01 Ignore IN token
10 Force NACK handshake. Not allowed for control
endpoint.
11 Force STALL handshake. On a control endpoint
this value is used to generate a protocol stall;
in this case THS will be cleared by the USB
function controller when a SETUP token is
received.
Transmit hand shake for USB host controller
00 Normal handshake
14–15
RHS
Receive hand shake for USB function controller.
This field determines the response to an OUT
transaction.
00 Normal handshake
01 Ignore OUT token
10 Force NACK handshake and discard the data.
This value may be used for flow control. Not
allowed for control endpoint.
11 Force STALL handshake. On a control endpoint
this value is used to generate a protocol stall;
in this case RHS will be cleared by the USB
function controller when a SETUP token is
received.
Receive hand shake for USB host controller
00 Normal handshake
Table 27-11. USEPx Field Descriptions (continued)
Bits
Name
USB Function Mode
USB Host Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com