Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 833 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 833 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 829Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 830Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 831Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 832Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 833Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 834Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 835Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 836Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 837Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 833 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
27-17
27.5.7
USB Function Programming Model
The following sections describe USB controller registers.
27.5.7.1
USB Mode Register (USMOD)
USMOD, shown in Figure 27-10, controls the USB controller operation mode.
Table 27-9 describes USMOD fields.
0
1
23
45
67
Field
LSS
RESUME
—
SFTE
TEST
HOST
EN
Reset
0000_0000
R/W
R/W
Addr
0x11B60
Figure 27-10. USB Mode Register (USMOD)
Table 27-9. USMOD Fields
Bits
Name
Description
0
LSS
Low-speed signaling. Selects the signaling speed. The actual bit rate depends on the USB
clock source.
0 Full-speed (12-Mbps) signaling. Normal operation.
1 Low-speed (1.5-Mbps) signaling. For a point-to-point connection with a low-speed device or
for local loopback testing.
1
RESUME
Generate resume condition. When set, this bit generates a resume condition on the USB.
This bit should be used if the function wants to exit the suspend state.
2–3
—
Reserved, should be cleared.
4
SFTE
Start-of-Frame Timer Enable. Setting this bit enables the Start-of-Frame timer and automatic
SOF transmission. See Section 27.5.7.8, “USB Start of Frame Timer (USSFT)" and
Section 27.5.2, “SOF Transmission for USB Host Controller" for more information.
0 SOF timer is disabled
1 SOF timer is enabled
Note: When SFTE is 1, the PC21 pin cannot be used as CP_INT since the CP interrupt is used
internally for generating the SOF packet.
5
TEST
USB controller test (loopback) mode
0 Test mode is disabled
1 Test mode is enabled
Note: This bit may be set only when HOST is set (USB host mode)
6
HOST
USB host mode
0 USB host is disabled
1 USB host is enabled
7
EN
Enable USB. When the EN bit is cleared, the USB is in a reset state
0 USB is disabled
1 USB is enabled
Note: Setting this bit automatically disables SCC4.
Note: Other bits of the USMOD should not be modified by the user while EN is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com