Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 831 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 831 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 827Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 828Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 829Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 830Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 831Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 832Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 833Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 834Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 835Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 831 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
27-15
27.5.5
Frame Number (FRAME_N)
This entry is used for frame number updates both in function mode and in host mode. In function mode it
is written by the USB controller; in host mode it is written by the application software and the USB
controller.
This entry is updated by the USB controller in function mode whenever a SOF (start of frame) token is
received—including the SOF token it transmitted in host mode. The entry contains 11 bits that represent
the frame number. An SOF interrupt is issued upon an update of this entry.
Table 27-6 describes FRAME_N fields.
In Host Mode, this entry must be updated by the application software between the transmission of one SOF
(start of frame) token and the next. See Section 27.5.1.2, “Transaction-Level Interface” for details. The
software should prepare the frame number and the CRC and place it in FRAME_N field.
01
45
15
Field
V1
1 This bit is set if the SOF token was received error free.
—
FRAME NUMBER
Reset
—
R/W
R/W
Addr
USB base + 0x10
Figure 27-7. Frame Number (FRAME_N) in Function Mode—Updated by USB Controller
Table 27-6. FRAME_N Field Descriptions
Bits
Name
Description
0
V
The valid bit is set if the SOF token is received without error.
1–4
—
Reserved, should be cleared.
5–15
FRAME
NUMBER
The frame number is loaded with the value received in the SOF packet. Be sure the frame
number is cleared before beginning USB operation.
01
45
15
Field
CRC5
FRAME NUMBER
Reset
—
R/W
R/W
Addr
USB base + 0x10
Figure 27-8. Frame Number (FRAME_N) in Host Mode—Updated by Application
Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com