Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 832 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 832 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 828Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 829Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 830Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 831Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 832Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 833Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 834Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 835Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 836Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 832 / 1386 page
background image
Universal Serial Bus Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
27-16
Freescale Semiconductor
Table 27-6 describes FRAME_N fields.
27.5.6
USB Function Code Registers (RFCR and TFCR)
RFCR and TFCR control the value that the user would like to appear on the Address Type pins (AT1–AT3)
when the associated SDMA channel accesses memory.
Table 27-8 describes RFCR and TFCR fields.
Table 27-7. FRAME_N Field Descriptions
Bits
Name
Description
0–4
CRC5
CRC5 calculated on frame number
5–11
FRAME
NUMBER
The frame number is inserted by the application software.
01234567
Field
—
GBL
BO
TC2
DTB
—
Figure 27-9. USB Function Code Registers (RFCR and TFCR)
Table 27-8. RFCR and TFCR Fields
Bits
Name
Description
0–1
—
Reserved, should be cleared.
2
GBL
Global
0 Snooping disabled
1 Snooping enabled
3–4
BO
Byte ordering. This bit field should be set by the user to select the required byte ordering for the
data buffer. If this bit field is modified on the fly, it will take effect at the beginning of the next frame.
00 DEC (and Intel) convention is used for byte ordering—swapped operation. It is also called
little-endian byte ordering. The transmission order of bytes within a buffer word is reversed as
compared to the Freescale mode. This mode is supported only for 32-bit port size memory.
01 PowerPC little-endian byte ordering. As data is transmitted onto the serial line from the data
buffer, the least significant byte of the buffer double-word contains data to be transmitted
earlier than the most-significant byte of the same buffer double-word.
1X Freescale byte ordering—normal operation. It is also called big-endian byte ordering. As data
is transmitted onto the serial line from the data buffer, the most-significant byte of the buffer
word contains data to be transmitted earlier than the least-significant byte of the same buffer
word.
5
TC2
Transfer code. Contains the transfer code value of TC[2] used during this SDMA channel memory
access.TC[0–1] is driven with a 0b11 to identify this SDMA channel access as a DMA-type access
6
DTB
Data bus Indicator
0 Use 60x bus for SDMA operation
1 Reserved
7
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com