Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 892 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 892 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 888Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 889Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 890Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 891Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 892Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 893Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 894Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 895Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 896Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 892 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-2
Freescale Semiconductor
•
Uses 64-bit data transactions for reading and writing data in BDs
•
Supports automatic routing in transparent mode using negative empty polarity
•
Supports inverted data per channel
•
Supports super channel synchronization in transparent mode (slot synchronization)
•
Supports in-line synchronization in transparent mode (synchronization on a pattern of 1 or 2 bytes)
29.1
MCC Operation Overview
Each MCC relies upon its corresponding SI block as its physical interface to a TDM. Once an SI’s TDM
has been programmed to contain MCC-related timeslots (accomplished via SIRAM programming) and has
been enabled, the SI clocks data out of an MCC channel's TX FIFO or clocks data into an MCC channel's
RX FIFO as appropriate. Note that the SI contains no data buffering; data moving to or from an MCC
channel’s FIFO is clocked directly through the SI to or from the TDM data lines.
Activity in an MCC channel’s FIFO triggers a request to the CPM. The CPM then uses a variety of
MCC-related data structures to handle that channel’s traffic. MCC global parameters govern the overall
state of the MCC block and also contain some threshold settings and base pointers used by all channels for
their operation. There is also one set of channel-specific parameters and channel-extra parameters per
MCC channel, containing protocol state information for that channel and pointers to that particular
channel's receive and transmit buffer descriptors. These parameter RAM areas are described in more detail
in the following sections.
Note that the channel-specific parameter area may be interpreted differently depending on what protocol
is being used on that particular channel, whether it is HDLC, transparent, or SS7. If an MCC channel is
being used in conjunction with AAL1 CES, there are additional programming model changes that take
place. Also, if a TDM is programmed to make use of superchannelled MCC timeslots, a structure called
the Superchannel Table is also used. All these parameter RAM areas are described in more detail in the
following sections.
29.1.1
MCC Data Structure Organization
Each MCC uses the following data structures:
•
Global MCC parameters (common to all the 128 channels of that MCC) placed in the DPRAM
from the offset (relative to the DPRAM base address) defined in Table 14-10 on page 14-22.
•
Channel-specific parameters. In HDLC and transparent modes each channel uses 64 bytes of
specific parameters placed in the DPRAM at offset 64*CH_NUM (relative to the DPRAM base
address). In SS7 mode each channel uses 128 bytes of specific parameters placed DPRAM at offset
128*CH_NUM. CH_NUM is the channel number (0–127 for MCC1 and 128–255 for MCC2).
Channel-specific parameters are described in the following sections:
— Section 29.3.1, “Channel-Specific HDLC Parameters”
— Section 29.3.2, “Channel-Specific Transparent Parameters”
— Section 29.3.4, “Channel-Specific SS7 Parameters”
Note that the DPRAM memory corresponding to the inactive channels can be used for other
purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com