Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 896 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 896 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 892Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 893Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 894Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 895Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 896Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 897Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 898Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 899Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 900Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 896 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-6
Freescale Semiconductor
Table 29-2. Channel-Specific Parameters for HDLC
Offset1
Name
Width
Description
0x00
TSTATE
Word
Tx internal state. To start a transmitter channel the user must write to TSTATE
0xHH80_0000. HH is the TSTATE high byte described in Section 29.3.1.1, “Internal
Transmitter State (TSTATE)—HDLC Mode.”
0x04
ZISTATE
Word
Zero-insertion machine state. User-initialized to one of the following values:
0x10000207 for regular channel transmitting all 1s before first frame of data
0x00000207 for regular channel transmitting flags before first frame of data
0x30000207 for inverted channel transmitting all 1s before first frame of data
0x20000207 for inverted channel transmitting flags before first frame of data
Note: Used in conjunction with ZIDATA0 and ZIDATA1.
0x08
ZIDATA0
Word
Zero-insertion high word data buffer. User-initialized to one of the following values:
0xFFFFFFFF allows transmission of all 1s before first frame of data
0x7E7E7E7E allows transmission of flags before first frame of data
Note: Used in conjunction with ZISTATE and ZIDATA1.
0x0C
ZIDATA1
Word
Zero-insertion low word data buffer. User-initialized to one of the following values:
0xFFFFFFFF allows transmission of all 1s before first frame of data
0x7E7E7E7E allows transmission of flags before first frame of data
Note: Used in conjunction with ZISTATE and ZIDATA0.
0x10
TBDFlags Hword TxDB flags, used by the CP (read-only for the user)
0x12
TBDCNT
Hword Tx internal byte count. Number of remaining bytes in buffer, used by the CP (read-only
for the user)
0x14
TBDPTR
Word
Tx internal data pointer. Points to current absolute data address of channel, used by the
CP (read-only for the user)
0x18
INTMSK
Hword Channel’s interrupt mask flag. See Section 29.3.3.1.1, “Interrupt Circular Table Entry
and Interrupt Mask (INTMSK) —AAL1 CES.”
0x1A
CHAMR
Hword Channel mode register. See Section 29.3.1.3, “Channel Mode Register
(CHAMR)—HDLC Mode.”
0x1C
TCRC
Word
Temp transmit CRC. Temp value of CRC calculation result, used by the CP (read-only
for the user)
0x20
RSTATE
Word
Rx internal state. To start a receiver channel the user must write to RSTATE
0xHH80_0000. HH is the RSTATE high byte described in Section 29.3.1.4, “Internal
Receiver State (RSTATE)—HDLC Mode.”
0x24
ZDSTATE
Word
Zero-deletion machine state (User-initialized to 0x00FFFFE0 for regular channel and
0x20FFFFE0 for inverted channel)
0x28
ZDDATA0
Word
Zero-deletion high word data buffer (User-initialized to 0xFFFFFFFF)
0x2C
ZDDATA1
Word
Zero-deletion low word data buffer (User-initialized to 0xFFFFFFFF)
0x30
RBDFlags Hword RxBD flags, used by the CP (read-only for the user)
0x32
RBDCNT
Hword Rx internal byte count. Number of remaining bytes in buffer, used by the CP (read-only
for the user)
0x34
RBDPTR
Word
Rx internal data pointer. Points to current absolute data address of channel, used by
the CP (read-only for the user)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com