Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 897 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 897 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 893Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 894Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 895Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 896Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 897Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 898Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 899Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 900Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 901Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 897 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-7
29.3.1.1
Internal Transmitter State (TSTATE)—HDLC Mode
Internal transmitter state (TSTATE) is a 4-byte register provides transaction parameters associated with
SDMA channel accesses (like function code registers) and starts the transmitter channel.
To start the channel, write 0xHH800000 to TSTATE, where HH is the TSTATE high byte (see
Figure 29-2). When the channel is active, the CP changes the value of the three LSBs, hence these 3 bytes
must be masked if the user reads back the TSTATE.
TSTATE high-byte fields are described in Table 29-3.
0x38
MFLR
Hword Maximum frame length register. Defines the longest expectable frame for this channel.
(64-Kbyte maximum). The remainder of a frame that is larger than MFLR is discarded
and the LG flag is set in the last frame’s BD. An interrupt request might be generated
(RXF and RXB) depending on the interrupt mask. A frame’s length is considered to be
everything between flags, including CRC. No more data is written into the current buffer
when the MFLR violation is detected.
0x3A
MAX_CNT Hword Max_length counter, used by the CP (read-only for the user)
0x3C
RCRC
Word
Temp receive CRC, used by the CP (read-only for the user)
1 The offset is relative to dual-port RAM (DPRAM) base address + 64*CH_NUM
01234567
Field
—
GBL
BO
TC2
DTB
BDB
Reset
—
R/W
R/W
Figure 29-2. TSTATE High Byte
Table 29-3. TSTATE High-Byte Field Descriptions
Bits
Name
Description
0–1
—
Reserved, should be cleared.
2
GBL
Global. Setting GBL activates snooping (only the 60X bus can be snooped, this parameter is ignored
for local bus transactions).
3–4
BO
Byte ordering. Set BO to select the required byte ordering for the buffer. If BO is changed on-the-fly,
it takes effect at the beginning of the next frame or at the beginning of the next BD.
00 Reserved
01 Munged little-endian.
1x Big-endian
5
TC2
Transfer code. Contains the transfer code value of TC[2], used during this SDMA channel memory
access. TC[0–1] is driven with a 0b11 to identify this SDMA channel access as a DMA-type access.
Table 29-2. Channel-Specific Parameters for HDLC (continued)
Offset1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com