Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 901 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 901 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 897Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 898Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 899Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 900Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 901Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 902Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 903Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 904Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 905Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 901 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-11
29.3.2
Channel-Specific Transparent Parameters
Table 29-6 describes channel-specific parameters for transparent operation.
Table 29-6. Channel-Specific Parameters for Transparent Operation
Offset1
Name
Width
Description
0x00
TSTATE
Word
Tx internal state. To start a transmitter channel the user must write to TSTATE
0xHH80_0000. HH is the TSTATE high byte described in Section 29.3.1.1, “Internal
Transmitter State (TSTATE)—HDLC Mode.”
0x04
ZISTATE
Word
Zero-insertion machine state.(User-initialized to 0x10000207 for regular channel, and
0x30000207 for inverted channel)
0x08
ZIDATA0
Word
Zero-insertion high word data buffer (User-initialized to 0xFFFFFFFF)
0x0C
ZIDATA1
Word
Zero-insertion low word data buffer (User-initialized to 0xFFFFFFFF)
0x10
TBDFlags
Hword TxDB flags, used by the CP (read-only for the user)
0x12
TBDCNT
Hword Tx internal byte count. Number of remaining bytes in buffer, used by the CP (read-only
for the user)
0x14
TBDPTR
Word
Tx internal data pointer. Points to current absolute data address of channel, used by the
CP (read-only for the user)
0x18
INTMSK
Hword Channel’s interrupt mask flag. See Section 29.3.3.1.1, “Interrupt Circular Table Entry
and Interrupt Mask (INTMSK) —AAL1 CES.”
0x1A
CHAMR
Hword Channel mode register. See Section 29.3.2.3, “Channel Mode Register
(CHAMR)—Transparent Mode.”
0x1C
—
Word
Reserved
0x20
RSTATE
Word
Rx internal state. To start a receiver channel the user must write to RSTATE
0xHH80_0000. HH is the RSTATE high byte described in Section 29.3.1.4, “Internal
Receiver State (RSTATE)—HDLC Mode.”
0x24
ZDSTATE
Word
Zero-deletion machine state. Initialize ZDSTATE as in the following table:
0x28
ZDDATA0
Word
Zero-deletion high word data buffer (User-initialized to 0xFFFFFFFF)
0x2C
ZDDATA1
Word
Zero-deletion low word data buffer (User-initialized to 0xFFFFFFFF)
Channel Type
RCVSYNC
ZDSTATE Initial
Programmed Value
If pattern synchronization is used (CHAMR[SYNC] = 1x), then…
Regular
0bxxxx_xxxx_xxxx_xxx0
0x00FF_FFE0
0bxxxx_xxxx_xxxx_xxx1
0x0000_0000
Inverted
0bxxxx_xxxx_xxxx_xxx0
0x20FF_FFE0
0bxxxx_xxxx_xxxx_xxx1
0x2000_0000
If pattern synchronization is not used (CHAMR[SYNC] = 00), then…
Regular
0x0000
0x50FF_FFE0
Inverted
0x0000
0x70FF_FFE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com