Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 903 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 903 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 899Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 900Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 901Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 902Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 903Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 904Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 905Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 906Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 907Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 903 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-13
CHAMR fields are described in Table 29-4.
Table 29-7. CHAMR Field Descriptions—Transparent Mode
Bits
Name
Description
0
MODE
Channel mode. Selects either HDLC or transparent mode.
0 Transparent mode.
1 HDLC mode
1
POL
Enable polling. POL enables the transmitter to poll the TxBDs.
0 Polling is disabled (The CPM does not access the external bus to check the R bit in the TxBD).
1 Polling is enabled.
POL is used to optimize the use of the external bus. Software should always set POL at the
beginning of a transmit sequence of one or more frames. The CP clears POL when no more buffers
are ready in the transmit queue, i.e. when it finds a BD with R = 0 (for example, at the end of a frame
or at the end of a multi-frame transmission). To prevent a significant number of useless transactions
on the external bus, software should always prepare the new BD, or multiple BDs, and set BD[R]
before enabling polling.
2–3
0b11
Must be set.
4
EP
Empty polarity and enable polling.
0 The E bit in the RxBD is handled in positive logic (1 = empty; 0 = not empty). Polling occurs only
if POL is set.
1 The E bit in the RxBD is handled in negative logic (0 = empty, 1 = not empty). Polling occurs
disregarding the value of POL.
5
RD
0 Normal bit order (transmit/receive the lsb of each octet first)
1 Reversed bit order (transmit/receive the msb of each octet first)
6–7
SYNC
Synchronization. SYNC controls synchronization of multi-channel operation in transparent mode.
SYNC
Receive Transmit
Description
00
None
None
Transmitter and receiver operate with no synchronization algorithm.
RCVSYNC should be cleared or erroneous behavior may occur. If
data synchronization is not used, the beginning of receive data may
contain an arbitrary amount of bytes before actual data appears in
the receive buffer. These unrelated bytes can be data or idles that
were in the receive FIFO when reception began or can be data that
was on the line previous to the arrival of the intended data.
01
Slot
Slot
The first data is sent/received in the slot defined in the slot
assignment table (for super channels only). RCVSYNC should be
cleared or received data may be shifted.
10
8-bit
None
Receive data synchronization uses an 8-bit pattern specified by the
8 msb of RCVSYNC. The sync bytes are not written to the receive
buffer.
11
16-bit
None
Receive data synchronization uses a 16-bit pattern specified by
RCVSYNC. The first byte of the sync pattern will not be written to the
receive buffer. The second byte of the sync pattern will be written to
the receive buffer (first and second represent the order in which the
two bytes of the sync pattern are received on the serial channel).
8–9
—
Reserved, must be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com