Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 906 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 906 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 902Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 903Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 904Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 905Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 906Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 907Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 908Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 909Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 910Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 906 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-16
Freescale Semiconductor
2–3
0b11
Must be set.
4
EP
Empty polarity and enable polling.
0 The E bit in the RxBD is handled in positive logic (1 = empty; 0 = not empty). Polling occurs only if
POL is set.
1 The E bit in the RxBD is handled in negative logic (0 = empty, 1 = not empty). Polling occurs
disregarding the value of POL.
5
RD
0 Normal bit order (transmit/receive the lsb of each octet first)
1
Reversed bit order to be reversed (transmit/receive the msb of each octet first).
6–7
SYNC
Synchronization. SYNC controls synchronization of multi-channel operation in transparent mode.
SYNC
Receive
Transmit
Description
00
None
None
Transmitter and receiver operate with no synchronization algorithm
01
Slot
Slot
The first data is sent/received in the slot defined in the slot assignment
table (for super channels only)
10
8-bit
None
Receive data synchronization uses an 8-bit pattern specified by the 8
msb of RCVSYNC. The sync bytes will not be written to the receive
buffer
11
16-bit
None
Receive data synchronization uses a 16-bit pattern specified by
RCVSYNC. The first byte of the sync pattern will not be written to the
receive buffer. The second byte of the sync pattern will be written to
the receive buffer (first and second represent the order in which the
two bytes of the sync pattern are received on the serial channel).
8–9
—
Reserved, should be cleared during initialization.
10
TS
Receive time stamp. If this bit is set a 4 byte time stamp is written at the beginning of every data buffer
that the BD points to.If this bit is set the data buffer must start from an address equal to 8*N-4 (N is
any number larger than 0).
11–12 RQN
Receive queue number. Specifies the receive interrupt queue number.
00 Queue number 0
01 Queue number 1
10 Queue number 2
11 Queue number 3
13
CESM
Circuit emulation service mode.
0
Normal mode
1
CES mode
14
UDC
User-defined cell support.
0 User-defined ATM cells are not supported.
1 User-defined ATM cells are supported.
15
UTM
Underrun template mode.
0 Retransmit the last buffer.
1 Send the user-defined template.
Table 29-9. CHAMR Field Descriptions—CES Mode (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com