Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 905 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 905 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 901Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 902Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 903Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 904Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 905Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 906Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 907Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 908Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 909Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 905 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-15
29.3.3.1.1
Interrupt Circular Table Entry and Interrupt Mask
(INTMSK) —AAL1 CES
Interrupt circular table entries contain information about channel-specific events. The interrupt mask
(INTMSK) provides bits for enabling/disabling the reporting of each possible event defined in the interrupt
circular table entry. Note that two CES-related interrupts provide slip indications for the MCC transmitter;
these interrupts are reflected in both the interrupt circular table entries and the INTMSK fields. They are
described in Table 29-19.
To enable an interrupt, set the corresponding bit. If a bit is cleared, no interrupt request is generated and
no new entry is written in the interrupt circular table. The user must initialize INTMSK prior to operation.
Reserved bits are cleared.
29.3.3.2
Channel Mode Register (CHAMR)—AAL1 CES
Figure 29-6 shows the user-initialized channel mode register, CHAMR, for CES operation. It is the same
as the CHAMR in transparent mode with three extra CES fields in bits 13–15.
The CHAMR in CES mode fields are described in Table 29-7.
0
3
4
5
6
7
8
9
10
1112131415
Interrupt Entry
—
SLIPE
SLIPS
UN
TXB
—
NID
IDL
MRF RXF BSY RXB
INTMSK
—
CES Mask Bits
Mask Bits
—
Mask Bits
Figure 29-7. INTMSK Mask Bits
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Field
MODE
POL
1
1
EP
RD
SYNC
—
TS
RQN
CESM UDC UTM
Reset
—
R/W
R/W
Offset
0x1A
Figure 29-8. Channel Mode Register (CHAMR)—CES Mode
Table 29-9. CHAMR Field Descriptions—CES Mode
Bits
Name
Description
0
MODE
Channel mode. Selects either HDLC or transparent mode. Must be cleared for CES operation.
0 Transparent mode.
1 HDLC mode
1
POL
Enable polling. POL enables the transmitter to poll the TxBDs.
0 Polling is disabled (The CPM does not access the external bus to check the R bit in the TxBD).
1 Polling is enabled.
POL is used to optimize the use of the external bus. Software should always set POL at the beginning
of a transmit sequence of one or more frames. The CP clears POL when no more buffers are ready
in the transmit queue, i.e. when it finds a BD with R = 0 (for example, at the end of a frame or at the
end of a multi-frame transmission). To prevent a significant number of useless transactions on the
external bus, software should always prepare the new BD, or multiple BDs, and set BD[R] before
enabling polling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com