Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 902 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 902 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 898Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 899Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 900Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 901Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 902Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 903Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 904Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 905Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 906Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 902 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-12
Freescale Semiconductor
29.3.2.1
Internal Transmitter State (TSTATE)—Transparent Mode
In transparent mode, TSTATE functions the same as in HDLC mode. For a description, refer to
Section 29.3.1.1, “Internal Transmitter State (TSTATE)—HDLC Mode.”
29.3.2.2
Interrupt Mask (INTMSK)—Transparent Mode
In transparent mode, INTMSK functions the same as in HDLC mode. For a description, refer to Section
29.3.2.2.
29.3.2.3
Channel Mode Register (CHAMR)—Transparent Mode
Figure 29-6 shows the user-initialized channel mode register, CHAMR, for transparent mode. For
channels that are used in conjunction with CES functionality, the user should refer to Section 29.3.3.2,
“Channel Mode Register (CHAMR)—AAL1 CES,” for additional information.
0x30
RBDFlags Hword RxBD flags, used by the CP (read-only for the user)
0x32
RBDCNT
Hword Rx internal byte count. Number of remaining bytes in buffer, used by the CP (read-only
for the user)
0x34
RBDPTR
Word
Rx internal data pointer. Points to current absolute data address of channel, used by the
CP (read-only for the user)
0x38
TMRBLR
Hword Transparent maximum receive buffer length. Defines the maximum number of bytes
written to a receiver buffer before moving to the next buffer for the respective channel.
This value must be 8 byte aligned.
0x3A
RCVSYNC Hword Receive synchronization pattern. Defines the synchronization pattern when
CHAMR[SYNC] is 0b1x. The two bytes are checked in reverse order (byte from address
0x3B first and byte from address 0x3A last). Non-inverted data is used for
synchronization even if the channel is programmed to invert the data. Clear RCVSYNC
when CHAMR[SYNC] = 0b0x.
0x3C
—
Word
Reserved
1 The offset is relative to dual-port RAM address 64*CH_NUM
0
123456789
10
11
12
13
15
Field MODE
POL
1
1
EP
RD
SYNC
—
TS
RQN
—
Reset
—
R/W
R/W
Offset
0x1A
Figure 29-6. Channel Mode Register (CHAMR)—Transparent Mode
Table 29-6. Channel-Specific Parameters for Transparent Operation (continued)
Offset1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com