Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 899 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 899 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 895Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 896Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 897Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 898Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 899Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 900Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 901Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 902Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 903Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 899 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-9
Table 29-4. CHAMR Field Descriptions
Bits
Name
Description
0
MODE This mode bit determines whether the HDLC or transparent mode is used. It also determines how other
CHAMR bits are interpreted.
0 Transparent mode. See Section 29.3.2.3, “Channel Mode Register (CHAMR)—Transparent Mode.”
1 HDLC mode
1
POL
Enable polling. POL enables the transmitter to poll the TxBDs.
0 Polling is disabled (The CPM does not access the external bus to check the R bit in the TxBD).
1 Polling is enabled.
POL is used to optimize the use of the external bus. Software should always set POL at the beginning of
a transmit sequence of one or more frames. The CP clears POL when no more buffers are ready in the
transmit queue, i.e. when it finds a BD with R = 0 (for example, at the end of a frame or at the end of a
multi-frame transmission). To minimize useless transactions on the external bus, software should always
prepare the new BD, or multiple BDs, and set BD[R] before enabling polling.
2
1
Must be set.
3
IDLM
Idle mode.
0 No idle patterns are sent between frames. After sending NOF+1 flags, the transmitter starts sending
the data of the frame. If the transmission is between frames and the frame buffers are not ready, the
transmitter sends flags until it can start transmitting the data.
1 At least one idle pattern is sent between adjacent frames. The NOF value shall be no smaller than the
PAD setting, see TxBD. If NOF = 0, this is identical to flag sharing in HDLC. Mode flags precede the
actual data. When IDLM = 1, at least one idle pattern is sent between adjacent frames. If the
transmission is between frames and the frame buffer is not ready, the transmitter sends idle characters.
When data is ready, the NOF+1 flags are sent followed by the data frame.
If IDLE mode is selected and NOF = 1, the following sequence is sent:
......init value, FF, FF, flag, flag, data, ........
The init value before the idle will be ones.
4
—
This bit must be cleared.
5
RD
0 Normal bit order (transmit/receive the lsb of each octet first)
1
Reversed bit order (transmit/receive the msb of each octet first)
6–7
—
These bits must be cleared.
8
CRC
Selects the type of CRC when HDLC channel mode is used.
0 16-bit CCITT-CRC
1 32-bit CCITT-CRC
9
—
This bit must be cleared.
10
TS
Receive time stamp. If this bit is set a 4 byte time stamp is written at the beginning of every data buffer
that the BD points to.If this bit is set the data buffer must start from an address equal to 8*n-4 (n is any
integer larger than 0).
11–12
RQN
Receive queue number. Specifies the receive interrupt queue number.
00 Queue number 0.
01 Queue number 1.
10 Queue number 2.
11 Queue number 3.
13–15
NOF
Number of flags. NOF defines the minimum number of flags before frames:
000 At least 1 flag
001 At least 2 flags
....
111 At least 8 flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com