Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 895 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 895 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 891Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 892Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 893Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 894Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 895Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 896Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 897Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 898Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 899Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 895 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-5
29.3
Channel-Specific Parameters
Each FIFO in the MCC is managed by a set of channel-specific parameters. These parameters can change
based upon what protocol is being used on that channel. The following sections describe the various
programming models used for an MCC channel.
29.3.1
Channel-Specific HDLC Parameters
Table 29-2 describes channel-specific parameters for HDLC.
0x28
C_MASK32
Word
CRC constant (user initialized to 0xDEBB20E3). Used for 32-bit CRC-CCITT
calculation if HDLC mode is chosen for a selected channel. (This option is
programmable. For each HDLC channel, one of two CRC-CCITT can be selected
through the CHAMR.)
0x2C
XTRABASE Hword Pointer the beginning of the extra parameters information, offset from the DPRAM
address
0x2E
C_MASK16
Hword CRC constant (user initialized to 0xF0B8). Used for 16-bit CRC-CCITT calculation if
HDLC mode is chosen for a selected channel. This option is programmable. For each
HDLC channel, one of two CRC-CCITT can be selected through the CHAMR.
0x30
RINTTMP0
Word
RINTTMPx. Temporary location for holding a receive circular interrupt circular table
entry (for tables 0–4), used by the CP. The user must clear it before enabling
interrupts. See Section 29.8, “MCC Exceptions.”
0x34
RINTTMP1
Word
0x38
RINTTMP2
Word
0x3C
RINTTMP3
Word
0x40
RINTBASE0 Word
RINTBASEx—Multi-channel receiver circular interrupt table base address. The
interrupt circular table is a cyclic table (FIFO-like). Each table entry contains
information about an interrupt request generated by the MCC to the host.
RINTPTRx—Pointer to the receiver circular interrupt table. The CP writes the next
interrupt information to this entry when an exception occurs. The user must copy the
RINTBASEx value to RINTPTRx before enabling interrupts. Further updates of the
RINTPTRx are done by the CP.
0x44
RINTPTR0
Word
0x48
RINTBASE1 Word
0x4C
RINTPTR1
Word
0x50
RINTBASE2 Word
0x54
RINTPTR2
Word
0x58
RINTBASE3 Word
0x5C
RINTPTR3
Word
0x60
TS_TMP
Word
Temporary place for time stamp
1
Offset to MCC Base
Table 29-1. Global MCC Parameters (continued)
Offset1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com