Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 910 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 910 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 906Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 907Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 908Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 909Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 910Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 911Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 912Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 913Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 914Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 910 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-20
Freescale Semiconductor
29.3.4.1
Extended Channel Mode Register (ECHAMR)—SS7 Mode
The extended channel mode register (ECHAMR) is a user-initialized register, shown in Figure 29-9 It
includes both the interrupt mask bits and channel configuration bits.
0x54
LRB2_Tmp
Hword
Temporary storage, used by CP for SU filtering.
0x56
SUERM
Hword
Signal unit error rate monitor counter (user initialized to 0). See Section 29.3.4.2, “Signal
Unit Error Monitor (SUERM)—SS7 Mode.”
0x58
LRB1
Word
Four first bytes of last received signal unit. Used by CP for SU filtering. See 29.3.4.4,
“SU Filtering—SS7 Mode.”
0x5C
LRB2
Hword
Fifth byte of last received signal unit. Used by CP for SU filtering. See 29.3.4.4, “SU
Filtering—SS7 Mode
0x5E
T
Hword
SUERM threshold value (user initialized to 64). See Section 29.3.4.2, “Signal Unit Error
Monitor (SUERM)—SS7 Mode.”
0x60
LHDR
Word
The BSN, BIB, FSN, FIB fields of last transmitted signal unit and result of CRC. Used by
CP for automatic FISU transmission.
0x64
LHDR_Tmp
Word
Temporary storage, used by CP for automatic FISU transmission.
0x68
EFSUC
Word
Error-free signal unit counter, user initialized to 0. The counter is incremented whenever
an error-free (no CRC error, no non-octet aligned error, no short or long frame errors)
signal unit is received.
0x6C
SUEC
Word
Signal unit error counter, user initialized to 0. Incremented each time an SU is received
that contains an error. These errors are: short frame, long frame, CRC error, and
non-octet aligned error.
0x70
SS7STATE
Word
Internal state of SS7 controller, user initialized to 0.
0x74
JTSRTmp
Word
Temporary storage for time-stamp register value. Applies to Japanese SS7 only;
otherwise should be cleared. Used by the CP to implement the 24-ms delay for signal
unit error rate monitoring in Japanese SS7.
0x78
JTRDelay
Hword
FISU transmit delay (specified in units of 512us). Applies to Japanese SS7 only;
otherwise should be cleared. According to the Japanese SS7 standard, the delay should
be 24 ms and thus JTRDelay should be programmed to 24 ms/512 µs = 46.875
(approximately 47). Hence, the user should program JTRDelay to 0x2F and the RTSCR
to generate a 1 µs time stamp period. Refer to Section 14.3.8, “RISC Time-Stamp
Control Register (RTSCR)”.
0x7A
M
Hword
ITU threshold for AERM. If M_cnt reaches M, an AERM interrupt is generated. Note that
M is normally programmed to 5.
0x7C
M_cnt
Hword
Up-counter for M. Should be cleared during initialization.
1 The offset is relative to the dual-port RAM address + 64*CH_NUM. SS7 channel specific parameters require twice the
amount of dual-port RAM required for HDLC or Transparent channel specific parameters. Therefore for SS7 even
channel numbers (0, 2, 4, etc.) must be used and odd channel number must be left unused.
2 Items in boldface must be initialized by the user. Unless otherwise stated, all other items are managed by microcode
and should be initialized to zero.
Table 29-10. Channel-Specific Parameters for SS7 (continued)
Offset1
Name2
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com