Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 914 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 914 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 910Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 911Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 912Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 913Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 914Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 915Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 916Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 917Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 918Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 914 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-24
Freescale Semiconductor
29.3.4.3.1
AERM Implementation
The SS7 microcode implements the ITU Q.703 alignment error rate monitor (AERM). The microcode uses
the T, SUERM, M and M_cnt parameters. The M_cnt parameter is incremented for every T errored frames.
If M_cnt reaches M, an AERM interrupt is generated to layer 3.
Note that in AERM mode no SUERM interrupt is generated. Also, the algorithm associated with D and
D_cnt is disabled as per the ITU specification.
29.3.4.3.2
AERM in Japanese SS7
To meet the Japanese AERM requirements the user must change the parameters T and D. Note that the
interrupt generated is not AERM but SUERM.
During proving, do the following:
1. Set SS7_OPT register to 0b0000 001X XX00 XXXX. The value of X doesn’t matter because these
bits do not affect the operation of the error counter.
2. Clear JTRdelay parameter to'0.'
3. Set parameters T (threshold) and D (up counter) to'1.'
4. Clear parameter SUERM (error counter) to'0.'
5. Set JTTDelay to value required to generate 24ms delay.
These settings allow FISU or LSSU transmission to be delayed by the required 24ms (JTTDelay). They
also allow the correct operation of the JT Q703 error counter and ensure that an SUERM interrupt is
generated on the first SU received in error.
8
SU_FIL
SU Filtering
0 Disable SU filtering.
1 Enable SU filtering.
9
SEN_FIS
Send FISU if first BD of frame is not ready.
0 Flags are sent if the current BD, which is the first BD of the frame, does not have its ready bit set.
1 FISUs are automatically sent if the current BD, which is the first BD of the frame, does not have
its ready bit set.
10
O_ORN
Enter octet counting mode (OCM) on overrun. Should be cleared if using the Japanese standard.
0 Disable entering OCM if there are no receive BDs available.
1 Enter OCM if there are no receive BDs available.
Note that when STD = 1, O_ORN = 1, and no receive buffers are ready, a ny received signal unit
is treated as an erred signal unit.
11
O_ITUT
Enter octet counting mode (OCM) on ITU-T conditions (after an abort sequence or when an SU is
too long). Should be cleared if using the Japanese standard.
0 Disable entering OCM on ITU-T conditions.
1 Enable entering OCM on ITU-T conditions.
12–15
FISU_PAD
Padding of the automatically transmitted FISUs. If the SEN_FISU bit is set, the CP will use the
value of FISU_PAD as a number of pad character. Please refer to PAD parameter in Section 29.9.2,
“Transmit Buffer Descriptor (TxBD).”
Table 29-13. SS7 Configuration Register Fields Description (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com