Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 917 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 917 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 913Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 914Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 915Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 916Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 917Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 918Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 919Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 920Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 921Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 917 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-27
29.3.4.5
Octet Counting Mode—SS7 Mode
When entering the octet counting mode (OCM), the CP will load the user defined N register to its internal
octet counter. While in the octet counting mode the CP will decrement its internal counter for every
unstuffed octet received. When the internal counter is decremented to zero, the CP increment the SUERM
register and reload the N register into the internal count register. In addition an interrupt (OCT) might be
generated depending on the interrupt mask. The SS7 controller will enter octet counting mode under the
following circumstances:
•
An ABORT character is received at any time and SS7_OPT[O_ITUT] is set.
•
The SU currently being received has exceeded the length programmed in the MFLR register and
SS7_OPT[O_ITUT] is set.
•
The receiver overruns and SS7_OPT[O_ORN] is set. Note that when no receive buffers are
available, only octets are counted; that is, D_cnt is not decremented after receiving the frame.
The SS7 controller will leave octet counting mode when a valid signal unit is detected (with a valid CRC
and a length less than MFLR and greater than 4).
NOTE
Octet counting mode applies only to the ITU-T and ANSI standards. The
SS7 microcode will not work if both the Japanese standard and OCM
features are selected.
29.4
Channel Extra Parameters
In addition to the information kept in the channel-specific parameter ram, a channel also has a set of
pointers used to index its transmit and receive buffer descriptors. This information is kept in a set of
channel-extra parameters. Table 29-14 describes the channel-extra parameters. These parameters are
indexed using the channel number, as described in the table.
Table 29-14. Channel Extra Parameters
Offset1
1 The offset relative to dual-port RAM base address + XTRABASE + 8*CH_NUM
Name
Width
Description
0x00
TBASE Hword TxBD base address. Used to calculate offset of the channel’s TxBD table relative to the
MCCBASE (The base address of the BD table for this channel MCCBASE+8*TBASE)
0x02
TBPTR
Hword TxBD pointer. Used to calculate offset of the current BD relative to the MCCBASE. TBPTR
is user-initialized to TBASE before enabling the channel or after a fatal error before
reinitializing the channel. (The address of the BD in use for this channel
MCCBASE+8*TBPTR)
0x04
RBASE Hword RxBD base address. Used to calculate offset of the channel’s RxBD table relative to the
MCCBASE. (The base address of the BD table for this channel MCCBASE+8*RBASE)
0x06
RBPTR Hword RxBD pointer. Used to calculate offset of the current BD relative to the MCCBASE.
RBPTR is user-initialized to RBASE before enabling the channel or after a fatal error
before reinitializing the channel. (The address of the BD in use for this channel
MCCBASE+8*RTBPTR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com