Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 919 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 919 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 915Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 916Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 917Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 918Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 919Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 920Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 921Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 922Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 923Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 919 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-29
29.5.2
Superchannels and Receiving
The restrictions stated in Section 29.5 regarding using back-to-back timeslots with the same channel do
not apply to the receive side of the MCC. A user does not have to mark receive timeslots as
superchannelled in SIRAM programming unless transparent slot synchronization is being used (see
Section 29.5.3, “Transparent Slot Synchronization”). Note that no SCT is used for the receive side and the
channel numbers used when programming receive SIRAM timeslots should always be that of the actual
intended MCC receive channel FIFO.
A normal MCC receive FIFO is 2 bytes and a superchannelled MCC receive FIFO is 1 byte.
29.5.3
Transparent Slot Synchronization
Transparent slot synchronization (TSS) is used to ensure that data transmission and reception for a
transparent superchannel begins on the intended timeslot of that superchannel. It is not required that the
first timeslot that appears in the SIRAM programming for a transparent superchannel be the first to send
or receive when the superchannel first starts. The user indicates which timeslot in a superchannel should
be the first to send or receive by programming the CNT and BYT fields of the superchannelled timeslots
as described in Section 15.4.3, “Programming SIx RAM Entries.”
29.5.4
Superchannelling Programming Examples
The example in Figure 29-14 shows the SI RAM programming and the super-channel table for two
different transmitter superchannels running on the same TDM interface. One superchannel includes TDM
timeslots 1, 6, and 7, which also happen to be programmed to use MCC FIFO numbers 1, 6, and 7. The
second superchannel in this example is comprised of timeslots 2, 3, and 4 using MCC FIFOs 2, 3, and 4.
This approach of using a FIFO number which is the same as the timeslot number is arbitrary and no a
requirement.
Note that entries in the superchannel table for MCC FIFOs 1, 6 and 7 all are programmed to point to the
channel-specific and channel-extra parameters for channel 1. Superchannel table entries for MCC FIFOs
2, 3 and 4 are programmed such that these FIFOs are managed by the parameters of channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com