Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 922 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 922 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 918Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 919Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 920Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 921Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 922Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 923Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 924Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 925Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 926Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 922 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-32
Freescale Semiconductor
Figure 29-16. Receiver Super Channel without Slot Synchronization Example
29.6
MCC Configuration Registers (MCCF
x)
The MCC configuration register (MCCF), shown in Figure 29-17, defines the mapping of the MCC
channels to the TDM channels. MCC1 can be connected to SI1 and MCC2 can be connected to SI2. For
each MCCx-SIx pair, each of the four 32 channels subgroups can be connected to one of the four TDM
highways (TDMA, TDMB, TDMC, and TDMD).
Table 29-15 describes MCCF fields.
01234567
Field
Group 1
Group 2
Group 3
Group 4
Reset
0000_0000
R/W
R/W
Addr
0x11B38 (MCCF1), 0x11B58 (MCCF2)
Figure 29-17. SI MCC Configuration Register (MCCF)
Table 29-15. MCCF Field Descriptions
Bits
Name
Description
0–1, 2–3, 4–5, 6–7
GROUP
x Group x of channels is used by TDM y as shown in Table 29-16.
00 Group x is used by TDM A.
01 Group x is used by TDM B.
10 Group x is used by TDM C.
11 Group x is used by TDM D.
0
1
2
3–10
11–13
14
15
MCC
LOOP SUPER
MCSEL
CNT
BYT
LST
SI RAM Address
100
0x0
0x0
1
0
Regular Channel
1
0
0
0x1
0x0
1
0
Super Channel 1
100
0x2
0x0
1
0
Super Channel 2
1
0
0
0x2
0x0
1
0
Super Channel 2
100
0x2
0x0
1
0
Super Channel 2
1
0
0
0x5
0x0
1
0
Regular Channel
100
0x1
0x0
1
0
Super Channel 1
100
0x1
0x0
1
0
Super Channel 1
1
0
0
0x8
0x0
1
1
Regular Channel
The super channel BD tables are associated with channels 1 and 2
SI RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com