Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 924 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 924 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 920Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 921Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 922Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 923Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 924Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 925Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 926Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 927Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 928Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 924 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-34
Freescale Semiconductor
29.8
MCC Exceptions
The MCC interrupt reporting scheme has two levels. The circular interrupt tables (illustrated in
Figure 29-18) report channel-specific events and are masked by each channel’s INTMSK field located in
channel-specific parameter RAM. The MCCE global event register (described in Section 29.8.1, “MCC
Event Register (MCCE)/Mask Register (MCCM)”) reports some global-level events and whether new
activity has taken place in any of that MCC’s interrupt tables. These events can be masked by the MCCM.
Table 29-17. MCC Commands
Command
Description
INIT RX AND TX
1
Performs both INIT RX and INIT TX commands contiguously, using the channel number supplied
with the command.
INIT RX
1
Initializes MCC receive FIFOs in groups of 32 channels, starting with the channel number
programmed in the CPCR[MCN] field when the command is issued. This command should only be
issued when the channels are disabled. To initialize more than 32 channels, reissue the command
with the appropriate channel numbers. The INIT TX AND RX command may be used to initialize
both the receive and transmit sides of an MCC channel at the same time. Note that this command
will initialize the first 16 FIFOs to be preloaded with 16 bits of idle, and the second set of FIFOs will
be completely empty and ready for data. This is done to stagger when FIFOs require servicing and
spread out CPM loading.
INIT TX
1
1 The INIT PARAMETERS style commands are also used to reset the MCC channel FIFOs and these commands need to
be issued to cover any channel number used, whether used normally or as part of a superchannel
Initializes MCC transmit FIFOs in groups of 32 channels, starting with the channel number
programmed in the CPCR[MCN] field when the command is issued. This command should only be
issued when the channels are disabled. To initialize more than 32 channels, reissue the command
with the appropriate channel numbers. The INIT TX AND RX command may be used to initialize
both the receive and transmit sides of an MCC channel at the same time. Note that this command
will initialize the first 16 FIFOs to be preloaded with 16 bits of idle, and the second set of FIFOs will
be preloaded with 32 bits of idle. This is done to stagger when FIFOs require servicing and spread
out CPM loading.
INIT TX AND RX
1
(16 BITS)
Same as regular INIT RX AND TX, except that all FIFOs are equally preloaded with idle. For
applications in which all channels must begin sending or receiving data in the same TDM frame.
INIT TX
, ONE1
CHANNEL
Performs the INIT TX command but only for the channel number programmed in CPCR[MCN] as
opposed to initializing 32 channels at once.
INIT
RX, ONE1
CHANNEL
Performs the INIT RX command but only for the channel number programmed in CPCR[MCN] as
opposed to initializing 32 channels at once.
MCC RESET
Initializes the state machine hardware of the MCC indicated in CPCR[PAGE] and CPCR[SBC], has
the same effect on the MCC block that a CPM reset does. Required after the GUN or GOV MCC
event occurs. If this command is not available in the revision of silicon being used, a CPM reset is
required instead.
STOP TRANSMIT
Disables the transmission on the selected channel and clears CHAMR[POL]. When this command
is issued in the middle of a frame, the CP sends an ABORT indication and then idles/flags on the
selected channel. If this command is issued between frames, the CP sends only idles or flags
(depending on CHAMR[IDLM]). TBPTR points for the buffer that the CP was using when the STOP
TRANSMIT
command was issued.
STOP RECEIVE
Forces the receiver of the selected channel to terminate reception. After this command is executed,
the CP does not change the receive parameters in the dual-port RAM. The user must initialize the
channel receive parameters in order to restart reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com