Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 923 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 923 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 919Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 920Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 921Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 922Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 923Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 924Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 925Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 926Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 927Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 923 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-33
Table 29-16 describes group assignments.
NOTE
The TDM group channel assignments made in MCCF must be coherent with
the SI register programming and SI RAM programming; see Section 15.5,
“Serial Interface Registers,” and Section 15.4.3, “Programming SIx RAM
Entries.” The user must also program MCCF before enabling the TDM
channel in the SIGMR; see Section 15.5.1, “SI Global Mode Registers
(SIxGMR).”
29.7
MCC Commands
The user starts channels by writing to the TSTATE/RSTATE registers as described in Section 29.3.1.4,
“Internal Receiver State (RSTATE)—HDLC Mode,” and Section 29.3.1.1, “Internal Transmitter State
(TSTATE)—HDLC Mode.”
The following commands, used to stop and initialize channels, are issued to the MCC by writing to CPCR
as described in Section 14.4.1, “CP Command Register (CPCR).” All MCC channels must be initialized
using one of the following commands before being used in an active TDM. Not all commands are available
in all revisions of silicon and the user should refer to Section 14.4.1.1, “CP Commands,” for further details.
Table 29-16. Group Channel Assignments
Group
Channels
Group1 in MCCF11
1 Not on the MPC8270 nor the MPC8275.
0–31
Group2 in MCCF11
32–63
Group3 in MCCF11
64–95
Group4 in MCCF11
96–127
Group1 in MCCF2
128–159
Group2 in MCCF2
160–191
Group3 in MCCF2
192–223
Group4 in MCCF2
224–255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com