Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 927 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 927 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 923Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 924Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 925Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 926Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 927Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 928Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 929Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 930Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 931Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 927 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-37
29.8.1.1
Interrupt Circular Table Entry
Each interrupt circular table entry, shown in Figure 29-20, contains information about channel-specific
events. The transmit circular table shows only events caused by transmission; the receive circular tables
shows only events caused by reception. The corresponding interrupt mask bits are mode-dependent; refer
to the appropriate section:
•
Section 29.3.1.2, “Interrupt Mask (INTMSK)—HDLC Mode”
•
Section 29.3.2.2, “Interrupt Mask (INTMSK)—Transparent Mode”
•
Section 29.3.3.1.1, “Interrupt Circular Table Entry and Interrupt Mask (INTMSK) —AAL1 CES”
•
Section 29.3.4.1, “Extended Channel Mode Register (ECHAMR)—SS7 Mode”
Table 29-19 describes interrupt circular table fields.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Field
V
W
OCT1
1 SS7 mode only. Otherwise, reserved.
SUERM1 FISU1
—
UN
TXB
—
AERM1 NID
IDL
MRF RXF
BSY
RXB
—
—SLIPE2
2 Only used in conjunction with AAL1 CES.
SLIPS2
—
R/W
R/W
16
17
18
25
26
31
Field
—
Channel Number
—
R/W
R/W
Figure 29-20. Interrupt Circular Table Entry
Table 29-19. Interrupt Circular Table Entry Field Descriptions
Bits
Name
Description
0
V
Valid bit. V = 1 indicates that this entry contains valid interrupt information. Upon generating a new entry,
the CP sets V = 1. The user clears V immediately after it reads the interrupt flags of the entry (before
processing the interrupt). The V bits in the table are user-initialized. During initialization, the user must
clear those bits in all table entries.
1
W
Wrap bit. W = 1 indicates the last interrupt circular table entry. The next event’s entry is written/read (by
CP/user) from the address contained in INTBASE (see Table 29-1 on page 29-4). During initialization,
the user must clear all W bits in the table except for the last one which must be set.
2
—
Reserved, should be cleared. (If SS7 mode, refer to the following description.)
OCT
SS7 mode only: N octets received. If the channel is in octet counting, this bit is set when N octets have
been received.
3
—
Reserved, should be cleared. (If SS7 mode, refer to the following description.)
SUERM
SS7 mode only: SU error monitor threshold reached. The SU error monitor has reached the
programmed threshold T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com