Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 931 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 931 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 927Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 928Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 929Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 930Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 931Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 932Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 933Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 934Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 935Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 931 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-41
29.8.1.2.7
Bus Latency
A GUN may also occur if the external memory bus bandwidth is insufficient for the system. Factors could
include a bus that is too slow or external masters keeping the bus for extended periods of time. Bus
parking master and bus arbiter configurations as described in Section 4.3.2, “System Configuration and
Protection Registers,” should also be considered as factors when making sure the CPM is properly
prioritized for bus access.
29.8.1.3
Recovery from GUN Errors
The GUN error is considered fatal because it cannot be determined which channel was at fault. The MCC
RESET command in the CP command register [CPCR] provides a hard reset to the MCC FIFOs. Refer to
the following table.
29.8.1.4
Global Overrun (GOV)
An MCC receiver global overrun (GOV) is the receive version of the transmit GUN. Due to different
prioritization and implementation of MCC RX, the likelihood of a GOV occurring is less than a the
likelihood of a GUN. Despite this, all possible causes and recovery procedures apply.
29.9
MCC Buffer Descriptors
Each MCC channel requires two BD tables (one for transmit and one for receive). Each BD contains key
information about the buffer it defines. The BDs are accessed by the MCC as needed; BDs can be added
dynamically to the BDs chain. The RxBDs chain must include at least two BDs; the TxBD chain must
include at least one BDs.
The MCC BDs are located in the external memory.
Table 29-20. GUN Error Recovery
Step
Action
1
Disable the TDM by clearing the appropriate enable bit in SIxGMR[4-7].
2
Issue the MCC RESET command.
3
Issue the INIT RX AND TX command to cover the channels in use.
4
Reprogram the specific MCC channel, global parameters, and any BDs that need to be updated.
5
Enable TDM by setting appropriate bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com