Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 935 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 935 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 931Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 932Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 933Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 934Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 935Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 936Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 937Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 939Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 935 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-45
The data length and buffer pointer are described below:
•
Data length. The data length is the number of bytes the MCC should transmit from this BD’s data
buffer. It is never modified by the CP. The value of this field should be greater than zero.
•
Tx buffer pointer. The transmit buffer pointer, which contains the address of the associated data
buffer, may be even or odd provided that SS7_OPT[SEN_FIS] = 0 (refer to Section 29.3.4.3, “SS7
Configuration Register—SS7 Mode”). If the automatic FISU option is required, the buffer pointer
must be 4-byte aligned. The buffer must reside in external memory. This value is never modified
by the CP.
4
L
Last
0 This is not the last buffer in the frame.
1 This is the last buffer in the current frame.
5
TC
Tx CRC. Valid only when L = 1. Otherwise it is ignored.
0 Transmit the closing flag after the last data byte. This setting can be used for testing purposes to
send an erroneous CRC after the data.
1 Transmit the CRC sequence after the last data byte.
6
CM
Continuous mode
0 Normal operation.
1 The CP does not clear the ready bit after this BD is closed, allowing the associated data buffer to
be retransmitted automatically when the CP next accesses this BD. However, the R bit is cleared
if an error occurs during transmission, regardless of the CM bit setting.
7
—
Reserved, should be cleared.
8
UB
User bit. UB is a user-defined bit that the CPM never sets nor clears. The user determines how this
bit is used.
9–10
—
Reserved, should be cleared.
11
—
Reserved, should be cleared.
SUD
SS7 mode only: Signal unit delay
0 This buffer does not have a transmission delay.
1 A time delay of JTTDelay x 512 µs passes before this buffer is transmitted. Can be used for LSSU
transmission according to the JT Q.703 Standard which defines a 24 ms delay between
back-to-back LSSUs. This bit is only valid when SS7_OPT[STD] is set.
12–15
PAD
Pad characters. These four bits indicate the number of PAD characters (0x7E or 0xFF depending on
the IDLM mode selected in the CHAMR register) that the transmitter sends after the closing flag.
The transmitter issues a TXB interrupt only after sending the programmed number of pads to the Tx
FIFO buffer. The user can use the PAD value to guarantee that the TXB interrupt occurs after the
closing flag has been sent out on the TXD line. PAD = 0, means that the TXB interrupt is issued
immediately after the closing flag is sent to the Tx FIFO buffer. The number of PAD characters
depends on the FIFO size assigned to the channel in the MCC hardware. If the channel is not part
of a super channel then the MCC hardware assigns to this channel a fifo of 4 bytes. So in this case
a pad of 4 bytes ensures that the TXB interrupt is not given before the closing flag has been
transmitted over the TXD line. For a super channel, the FIFO length equals the number of time slots
assigned to the super channel multiplied by two.
Table 29-22. TxBD Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com