Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 936 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 936 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 932Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 933Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 934Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 935Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 936Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 937Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 940Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 936 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-46
Freescale Semiconductor
29.10 MCC Initialization and Start/Stop Sequence
The MCC must be initialized and started/stopped in relation with the corresponding TDMs. The following
section presents the initialization and start/stop sequences which must be followed for single and super
channels.
The following is a general sequence for initializing an MCC and its channels after reset:
1. Program the parallel I/O port interface for the TDM to be used (refer to Chapter 41, “Parallel I/O
Ports”).
2. Program the SIU’s interrupt controller to mask or enable MCC-related interrupts as desired (refer
to Section 4.3.1, “Interrupt Controller Registers”).
3. Program the SI’s SIRAM and related registers. If the user wishes to enable the TDM at this time,
the SIRAM programming cannot yet contain MCC-related timeslots. Those timeslots should be
NULL entries and not programmed for MCC usage until after MCC-related initialization is
complete. Refer to Chapter 15, “Serial Interface with Time-Slot Assigner,” for SI programming
details.
4. Initialize buffer descriptors and data buffers as needed.
5. Initialize all MCC global parameters.
6. Initialize MCC channel-specific parameters for channels to be used. (Note that, if SI was not
already enabled in step 3, TSTATE and RSTATE can be fully programmed here to begin data
transmission and reception as soon as the TDM is enabled. If a user wishes to wait until after the
TDM is enabled before starting data transmission and reception, the user may program only the
FCR portions of RSTATE and TSTATE; and STOP TX and STOP RX commands should be issued
for the appropriate channels before enabling the TDM.)
7. Initialize MCC channel-extra parameters for channels to be used.
8. Initialize Superchannel Table if superchannels are to be used.
9. Issue MCC INIT commands as appropriate to make sure all MCC FIFOs that are to be used are
initialized.
10. Enable TDM (or if TDM is already enabled, the user may now reprogram the TDM to include
MCC-related timeslots).
11. If the user did not program a channel’s TSTATE and RSTATE in step 6 to begin data transmission
and reception immediately upon having an active TDM, the user may program the start conditions
at this time.
NOTE
Some steps may be performed out of order. However, it is critical, regardless
of their relative sequence, that steps 5, 6, 7, 8 and 9 occur before the
enabling of the TDM or an active TDM is reprogrammed to include
MCC-related timeslots. Failure to properly initialize MCC parameters and
issue appropriate INIT commands before MCC-related timeslots are
programmed in an active TDM may result in spurious GUN events or other
anomalous behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com