Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 939 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 939 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 935Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 936Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 937Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 942Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 943Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 939 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
30-1
Chapter 30
Fast Communications Controllers (FCCs)
The MPC8280’s three fast communications controllers (FCCs) are serial communications controllers
(SCCs) optimized for synchronous high-rate protocols. FCC key features include the following:
•
Supports HDLC/SDLC and totally transparent protocols
•
FCC clocks can be derived from a baud-rate generator or an external signal
•
Supports RTS, CTS, and CD modem control signals
•
Use of bursts to improve bus usage
•
Multibuffer data structure for receive and transmit, external buffer descriptors (BDs) anywhere in
system memory
•
192-byte FIFO buffers
•
Full-duplex operation
•
Fully transparent option for one half of an FCC (receiver/transmitter) while HDLC/SDLC protocol
executes on the other half (transmitter/receiver)
•
Echo and local loopback modes for testing
•
Assuming a 100-MHz CPM clock, the FCCs support the following:
– Full 10/100-Mbps Ethernet/IEEE 802.3x through an MII and RMII interface
– Full 155-Mbps ATM segmentation and reassembly (SAR) through UTOPIA (on FCC1 and
FCC2 only) (not available on the MPC8270)
– ATM internal rate mode for 31 PHYs
– ATM 31 PHY addresses for both FCC1 and FCC2
– 45-Mbps (DS-3/E3 rates) HDLC and/or transparent data rates supported on each FCC
FCCs differ from SCCs as follows:
•
No DPLL support.
•
No BISYNC, UART, or AppleTalk/LocalTalk support.
•
No HDLC bus.
•
Ethernet support only through an MII.
30.1
Overview
MPC8280 FCCs can be configured independently to implement different protocols. Together, they can be
used to implement bridging functions, routers, and gateways, and to interface with a wide variety of
standard WANs, LANs, and proprietary networks. FCCs have many physical interface options such as
interfacing to TDM buses, ISDN buses, standard modem interfaces, fast Ethernet interface (MII), and
ATM interfaces (UTOPIA); see Chapter 15, “Serial Interface with Time-Slot Assigner,” Chapter 36, “Fast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com