Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 941 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 941 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 937Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 942Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 943Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 944Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 945Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 941 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
30-3
Figure 30-1. FCC Block Diagram
30.2
General FCC Mode Registers (GFMR
x)
Each FCC contains a general FCC mode register (GFMRx) that defines common FCC options and selects
the protocol to be run. The GFMRx are read/write registers cleared at reset. Figure 30-2 shows the GFMR
format.
Table 30-1. Internal Clocks to CPM Clock Frequency Ratio
Mode
Internal Clock: CPM clock frequency ratio
HDLC 1 bit
1:4
Transparent 1 bit
1:4
HDLC nibble
1:6
Fast Ethernet
1:3 (1:3.5 preferred)
ATM
1:3 (1:3.5 preferred)
Control
Registers
Shifter
Shifter
Delimiter
Clock
Generator
Delimiter
Decoder
Encoder
Receive
Control
Unit
Transmit
Control
Unit
Receive
Data
FIFO
Transmit
Data
FIFO
Modem Lines
Modem Lines
60x Bus
Peripheral Bus
TCLK
RCLK
Internal Clocks
RXD
TXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com