Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 944 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 944 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 942Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 943Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 944Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 945Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 946Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 947Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 948Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 944 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
30-6
Freescale Semiconductor
8
CTSS
CTS sampling
0 The CTS input is assumed to be asynchronous with the data. When it is internally synchronized
by the FCC, data is sent after a delay of no more than two serial clocks.
1 The CTS input is assumed to be synchronous with the data, giving faster operation. In this mode,
CTS must transition while the transmit clock is in the low state. As soon as CTS is low, data
transmission begins. This mode is useful when connecting MPC8280 in transparent mode
because it allows the RTS signal of one MPC8280 to be connected directly to the CTS signal of
another MPC8280.
9--15
—
Reserved, should be 0.
16–17
SYNL
Sync length (transparent mode only). Determines the operation of an FCC receiver configured for
totally transparent operation only. See Section 38.3.1, “In-Line Synchronization Pattern.”
00 The sync pattern in the FDSR is not used. An external sync signal is used instead (CD signal
asserted: high to low transition).
01 Automatic sync (assumes always synchronized, ignores CD signal).
10 8-bit sync. The receiver synchronizes on an 8-bit sync pattern stored in the FDSR. Negation of
CD causes CD lost error.
11 16-bit sync. The receiver synchronizes on a 16-bit sync pattern stored in the FDSR. Negation of
CD causes CD lost error.
Note: If SYNL = 1x, CDP should be cleared (not in CD pulse mode).
18
RTSM
RTS mode
0 Send idles between frames as defined by the protocol. RTS is negated between frames (default).
1 Send flags/syncs between frames according to the protocol. RTS is asserted whenever the FCC
is enabled.
19–20
RENC
Receiver decoding method. The user should set RENC = TENC in most applications.
00 NRZ
01 NRZI (one bit mode HDLC or transparent only)
1x Reserved
21
REVD
Reverse data (valid for a totally transparent channel only)
0 Normal operation
1 The totally transparent channels on this FCC (either the receiver, transmitter, or both, as defined
by TTX and TRX) reverse bit order, transmitting the MSB of each octet first.
22–23
TENC
Transmitter encoding method. The user should set TENC = RENC in most applications.
00 NRZ
01 NRZI (one bit mode HDLC or transparent only)
1x Reserved
24–25
TCRC
Transparent CRC (totally transparent channel only). Selects the type of frame checking provided on
the transparent channels of the FCC (either the receiver, transmitter, or both, as defined by TTX and
TRX). This configuration selects a frame check type; the decision to send the frame check is made
in the TxBD. Thus, it is not required to send a frame check in transparent mode. If a frame check is
not used, the user can ignore any frame check errors generated on the receiver.
00 16-bit CCITT CRC (HDLC). (X16 + X12 + X5 + 1)
01 Reserved
10 32-bit CCITT CRC (Ethernet and HDLC) (X32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 +
X8 + X7 + X5 + X4 + X2 + X1 +1)
11 Reserved
Table 30-2. GFMR Register Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com