Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 945 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 945 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 942Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 943Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 944Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 945Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 946Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 947Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 948Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 949Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 945 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
30-7
NOTE
In addition to selecting the correct mode of operation in GFMRx[MODE],
the user must issue the appropriate CP command and choose the correct
protocol in CPCR (refer to Section 14.4.1, “CP Command Register
(CPCR)”).
30.2.1
General FCC Expansion Mode Register (GFEMR)
The general FCC expansion mode register (GFEMR) defines the expansion modes. It should be
programmed according to the protocol used.
26
ENR
Enable receive. Enables the receiver hardware state machine for this FCC.
0 The receiver is disabled and any data in the receive FIFO buffer is lost. If ENR is cleared during
reception, the receiver aborts the current character.
1 The receiver is enabled.
ENR may be set or cleared regardless of whether serial clocks are present. Describes how to
disable and reenable an FCC. Note that the FCC provides other tools for controlling reception—the
ENTER HUNT MODE
command, CLOSE RXBD command, and RxBD[E].
27
ENT
Enable transmit. Enables the transmitter hardware state machine for this FCC.
0 The transmitter is disabled. If ENT is cleared during transmission, the transmitter aborts the
current character and TXD returns to idle state. Data in the transmit shift register is not sent.
1 The transmitter is enabled.
ENT can be set or cleared, regardless of whether serial clocks are present. See Section 30.12,
“Disabling the FCCs On-the-Fly,” for a description of the proper methods to disable and reenable an
FCC. Note that the FCC provides other tools for controlling transmission besides the ENT bit—the
STOP TRANSMIT
, GRACEFUL STOP TRANSMIT, and RESTART TRANSMIT commands, CTS flow control, and
TxBD[R].
28–31
MODE Channel protocol mode
0000 HDLC
0001 Reserved for RAM microcode
0010 Reserved
0011 Reserved for RAM microcode
0100 Reserved
0101 Reserved for RAM microcode
0110 Reserved
0111 Reserved for RAM microcode
1000 Reserved
1001 Reserved for RAM microcode
1010 ATM
1011 Reserved for RAM microcode
1100 Ethernet
11xx Reserved
Table 30-2. GFMR Register Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com