Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 946 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 946 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 942Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 943Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 944Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 945Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 946Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 947Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 948Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 949Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 950Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 946 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
30-8
Freescale Semiconductor
Table 30-3 describes GFEMRx fields.
30.3
FCC Protocol-Specific Mode Registers (FPSMR
x)
The functionality of the FCC varies according to the protocol selected by GFMR[MODE]. Each FCC has
an additional 32-bit, memory-mapped, read/write protocol-specific mode register (FPSMR) that
configures them specifically for a chosen mode. The section for each specific protocol describes the
FPSMR bits.
30.4
FCC Data Synchronization Registers (FDSR
x)
Each FCC has a 16-bit, memory-mapped, read/write data synchronization register (FDSR) that specifies
the pattern used in the frame synchronization procedure of the synchronous protocols. In the totally
transparent protocol, the FDSR should be programmed with the preferred SYNC pattern. For Ethernet
protocol, it should be programmed with 0xD555. For the ATM protocol, FSDRx is used to generate a
constant byte for the HEC. It does not generate the HEC; instead it only outputs this constant byte as a
‘placeholder’ for the HEC. This byte is then replaced by the ATM PHY with the actual value.
At reset, FDSRx defaults to 0x7E7E (two HDLC flags), so it does not need to be written for HDLC mode.
The FDSR contents are always sent lsb first.
01
2
3
7
Field
TIREM
LPB
CLK
—
Reset
0000_0000
R/W
R/W
Addr
0x11390 (GFEMR1), 0x113B0(GFEMR2), 0x113D0(GFEMR3)
Figure 30-3. General FCC Expansion Mode Register (GFEMR)
Table 30-3. GFEMR
x Field Descriptions
Bit
Name
Description
0
TIREM
Transmit internal rate expanded mode (ATM mode)
0 Internal rate mode: Internal rate for PHYs[0-3] is controlled only by FTIRR[0-3]. FIRPER,
FIRSR_HI, FIRSR_LO, FITER are unused.
1 Internal rate expanded mode: PHYs[0-31] are controlled by FTIRR[0-3], FIRPER,
FIRSR_HI and FIRSR_LO. Underrun status for PHYs[0-31] is available by FIRER. This
bit should be set only in transmit master multi-PHY mode. In this mode mixing of internal
rate and external rate is not enabled.
1
LPB
RMII Loopback diagnostic mode (Ethernet mode):
0 Normal mode
1 Loopback mode
2
CLK
RMII reference clock rate for 50 Mhz input clock from external oscillator (Ethernet mode):
0 50 Mhz (for Fast Ethernet)
1 5 Mhz (for 10BaseT)
3–7
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com