Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 950 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 950 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 946Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 947Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 948Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 949Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 951Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 952Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 953Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 954Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 950 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
30-12
Freescale Semiconductor
30.7
FCC Parameter RAM
Each FCC parameter RAM area begins at the same offset from each FCC base area. The protocol-specific
portions of the FCC parameter RAM are discussed in the specific protocol descriptions. Table 30-5. shows
portions common to all FCC protocols.
Some parameter RAM values must be initialized before the FCC is enabled; other values are
initialized/written by the CP. Once initialized, most parameter RAM values do not need to be accessed by
user software because most activity centers around the TxBDs and RxBDs rather than the parameter RAM.
However, if the parameter RAM is accessed, note the following:
•
Parameter RAM can be read at any time.
•
Tx parameter RAM can be written only when the transmitter is disabled—after a STOP TRANSMIT
command and before a RESTART TRANSMIT command or after the buffer/frame finishes
transmitting after a GRACEFUL STOP TRANSMIT command and before a RESTART TRANSMIT
command.
•
Rx parameter RAM can be written only when the receiver is disabled. Note the CLOSE RXBD
command does not stop reception, but it does allow the user to extract data from a partially full Rx
buffer.
•
See Section 30.12, “Disabling the FCCs On-the-Fly.”
Some parameters in Table 30-5. are not described and are listed only to provide information for
experienced users and for debugging. The user need not access these parameters in normal operation.
Table 30-5. FCC Parameter RAM Common to All Protocols Except ATM
Offset1
Name
Width
Description
0x00
RIPTR
Hword Receive internal temporary data pointer. Used by microcode as a temporary buffer for
data. Must be 32-byte aligned and the size of the internal buffer must be 32 bytes unless
it is stated otherwise in the protocol specification.
0x02
TIPTR
Hword Transmit internal temporary data pointer. Used by microcode as a temporary buffer for
data. Must be 32-byte aligned and the size of the internal buffer must be 32 bytes unless
it is stated otherwise in the protocol specification. .
0x04
—
Hword Reserved, should be cleared.
0x06
MRBLR
Hword Maximum receive buffer length (a multiple of 32 for all modes). The number of bytes that
the FCC receiver writes to a receive buffer before moving to the next buffer. The receiver
can write fewer bytes to the buffer than MRBLR if a condition such as an error or
end-of-frame occurs, but it never exceeds the MRBLR value. Therefore, user-supplied
buffers should be at least as large as the MRBLR.
Note that FCC transmit buffers can have varying lengths by programming TxBD[Data
Length], as needed, and are not affected by the value in MRBLR.
MRBLR is not intended to be changed dynamically while an FCC is operating. Change
MRBLR only when the FCC receiver is disabled.
0x08
RSTATE
Word
Receive internal state. The high byte, RSTATE[0–7], contains the function code register;
see Section 30.7.1, “FCC Function Code Registers (FCRx).” RSTATE[8–31] is used by
the CP and must be cleared initially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com