Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 951 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 951 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 947Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 948Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 949Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 951Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 952Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 953Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 954Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 955Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 951 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
30-13
0x0C
RBASE
Word
RxBD base address (must be divisible by eight). Defines the starting location in the
memory map for the FCC RxBDs. This provides great flexibility in how FCC RxBDs are
partitioned. By selecting RBASE entries for all FCCs and by setting the W bit in the last
BD in each BD table, the user can select how many BDs to allocate for the receive side
of every FCC. The user must initialize RBASE before enabling the corresponding
channel. Furthermore, the user should not configure BD tables of two enabled FCCs to
overlap or erratic operation occurs.
0x10
RBDSTAT
Hword RxBD status and control. Reserved for CP use only.
0x12
RBDLEN
Hword RxBD data length. A down-count value initialized by the CP with MRBLR and
decremented with every byte written by the SDMA channels.
0x14
RDPTR
Word
RxBD data pointer. Updated by the SDMA channels to show the next address in the buffer
to be accessed.
0x18
TSTATE
Word
Tx internal state. The high byte, TSTATE[0–7], contains the function code register; see
Section 30.7.1, “FCC Function Code Registers (FCRx).” TSTATE[8–31] is used by the CP
and must be cleared initially.
0x1C
TBASE
Word
TxBD base address (must be divisible by eight). Defines the starting location in the
memory map for the FCC TxBDs. This provides great flexibility in how FCC TxBDs are
partitioned. By selecting TBASE entries for all FCCs and by setting the W bit in the last
BD in each BD table, the user can select how many BDs to allocate for the transmit side
of every FCC. The user must initialize TBASE before enabling the corresponding channel.
Furthermore, the user should not configure BD tables of two enabled FCCs to overlap or
erratic operation occurs.
0x20
TBDSTAT
Hword TxBD status and control. Reserved for CP use only.
0x22
TBDLEN
Hword TxBD data length. A down-count value initialized with the TxBD data length and
decremented with every byte read by the SDMA channels.
0x24
TDPTR
Word
TxBD data pointer. Updated by the SDMA channels to show the next address in the buffer
to be accessed.
0x28
RBPTR
Word
RxBD pointer. Points to the next BD that the receiver transfers data to when it is in idle
state or to the current BD during frame processing. After a reset or when the end of the
BD table is reached, the CP sets RBPTR = RBASE. Although the user need never write
to RBPTR in most applications, the user can modify it when the receiver is disabled or
when no receive buffer is in use.
0x2C
TBPTR
Word
TxBD pointer. Points either to the next BD that the transmitter transfers data from when it
is in idle state or to the current BD during frame transmission. After a reset or when the
end of the BD table is reached, the CP sets TBPTR = TBASE. Although the user need
never write to TBPTR in most applications, the user can modify it when the transmitter is
disabled or when no transmit buffer is in use (after a STOP TRANSMIT or GRACEFUL STOP
TRANSMIT
command is issued and the frame completes transmission).
0x30
RCRC
Word
Temporary receive CRC
0x34
—
Word
Reserved
0x38
TCRC
Word
Temporary transmit CRC
0x3C
—
Word
First word of protocol-specific area
1
Offset from FCC base: 0x8400 (FCC1), 0x8500 (FCC2) and 0x8600 (FCC3); see Section 14.5.2, “Parameter RAM.”
Table 30-5. FCC Parameter RAM Common to All Protocols Except ATM (continued)
Offset1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com