Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 952 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 952 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 948Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 949Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 951Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 952Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 953Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 954Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 955Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 956Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 952 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
30-14
Freescale Semiconductor
30.7.1
FCC Function Code Registers (FCR
x)
The function code registers contain the transaction specification associated with SDMA channel accesses
to external memory. Figure 30-8 shows the format of the transmit and receive function code registers,
which reside at TSTATE[0–7] and RSTATE[0–7] in the FCC parameter RAM (see Table 30-5).
FCRx fields are described in Table 30-6.
30.8
Interrupts from the FCCs
Interrupt handling for each of the FCC channels is configured on a global (per channel) basis in the
interrupt pending register (SIPNR_L) and interrupt mask register (SIMR_L). One bit in each register is
used to either mask, enable, or report an interrupt in an FCC channel. The interrupt priority between the
FCCs is programmable in the CPM interrupt priority register (SCPRR_H). The interrupt vector register
01234567
Field
—
FCCP
GBL
BO
TC2
DTB
BDB
Figure 30-8. Function Code Register (FCR
x)
Table 30-6. FCR
x Field Descriptions
Bits
Name
Description
0
—
Reserved, should be cleared.
1
FCCP
FCC priority. Used in conjunction with PPC_ACR[PRKM] (see section 4.3.2.2) and
LCL_ACR[PRKM] (see section 4.3.2.4) for a low request level.
0
Disables CPM low request level to refer to FCCs and MCCs.
1
Enables CPM low request level to refer to FCCs and MCCs.
2
GBL
Global. Indicates whether the memory operation should be snooped.
0 Snooping disabled.
1 Snooping enabled.
3–4
BO
Byte ordering. Used to select the byte ordering of the buffer. If BO is modified on-the-fly, it takes
effect at the start of the next frame (Ethernet, HDLC, and transparent) or at the beginning of the next
BD.
01 Munged little-endian byte ordering. As data is sent onto the serial line from the data buffer, the
LSB of the buffer double-word contains data to be sent earlier than the MSB of the same buffer
double-word.
10 Freescale byte ordering (normal operation). It is also called big-endian byte ordering. As data is
sent onto the serial line from the data buffer, the MSB of the buffer word contains data to be sent
earlier than the LSB of the same buffer word.
5
TC2
Transfer code. Contains the transfer code value of TC[2], used during this SDMA channel memory
access. TC[0–1] is driven with a 0b11 to identify this SDMA channel access as a DMA-type access.
6
DTB
Indicates on what bus the data is located.
0
On the 60x bus.
1
On the local.
7
BDB
Indicates on what bus the BDs are located.
0
On the 60x bus.
1
On the local bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com