Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 953 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 953 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 949Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 951Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 952Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 953Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 954Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 955Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 956Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 957Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 953 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
30-15
(SIVEC) indicates which pending channel has highest priority. Registers within the FCCs manage
interrupt handling for FCC-specific events.
Events that can cause the FCC to interrupt the processor vary slightly among protocols and are described
with each protocol. These events are handled independently for each channel by the FCC event and mask
registers (FCCE and FCCM).
30.8.1
FCC Event Registers (FCCE
x)
Each FCC has an FCC event register (FCCE) used to report events. On recognition of an event, the FCC
sets its corresponding FCCE bit regardless of the corresponding mask bit. To the user it appears as a
memory-mapped register that can be read at any time. Bits are cleared by writing ones; writing zeros has
no effect on bit values. FCCE is cleared at reset. Fields of this register are protocol-dependent and are
described in the respective protocol sections.
30.8.2
FCC Mask Registers (FCCM
x)
Each FCC has a read/write FCC mask register (FCCM) used to enable or disable CP interrupts to the core
for events reported in an event register (FCCE). Bit positions in FCCM are identical to those in FCCE.
Note that an interrupt is generated only if the FCC interrupts are also enabled in the SIU; see
Section 4.3.1.5, “SIU Interrupt Mask Registers (SIMR_H and SIMR_L).”
If an FCCM bit is zero, the CP does not proceed with its usual interrupt handling whenever that event
occurs. Any time a bit in the FCCM register is set, a 1 in the corresponding bit in the FCCE register sets
the FCC event bit in the interrupt pending register; see Section 4.3.1.4, “SIU Interrupt Pending Registers
(SIPNR_H and SIPNR_L).”
30.8.3
FCC Status Registers (FCCS
x)
Each FCC has an 8-bit, read/write FCC status register (FCCS) that lets the user monitor real-time status
conditions (flags, idle) on the RXD line. It does not show the status of CTS and CD; their real-time status
is available in the appropriate parallel I/O port (see Chapter 41, “Parallel I/O Ports”).
30.9
FCC Initialization
The FCCs require a number of registers and parameters to be configured after a power-on reset. The
following outline gives the proper sequence for initializing the FCCs, regardless of the protocol used.
1. Write the parallel I/O ports to configure and connect the I/O pins to the FCCs.
2. Write the appropriate port registers to configure CTS and CD to be parallel I/O with interrupt
capability or to connect directly to the FCC (if modem support is needed).
3. If the TSA is used, the SI must be configured. If the FCC is used in the NMSI mode, the CPM
multiplexing logic (CMX) must still be initialized.
4. Write the GFMR, but do not write the ENT or ENR bits yet.
5. Write the FPSMR.
6. Write the FDSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com