Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 954 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 954 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 951Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 952Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 953Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 954Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 955Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 956Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 957Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 958Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 954 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
30-16
Freescale Semiconductor
7. Initialize the required values for this FCC in its parameter RAM.
8. Clear out any current events in FCCE, as needed.
9. Write the FCCM register to enable the interrupts in the FCCE register.
10. Write the SCPRR_H to configure the FCC interrupt priority.
11. Clear out any current interrupts in the SIPNR_L, if preferred.
12. Write the SIMR_L to enable interrupts to the CP interrupt controller.
13. Issue an INIT TX AND RX PARAMETERS command (with the correct protocol number).
14. Set GFMR[ENT] and GFMR[ENR].
The first RxBD’s empty bit must be set before the INIT RX COMMAND. However TxBDs can have their
ready bits set at any time. Notice that the CPCR does not need to be accessed after a power-on reset until
an FCC is to be used. An FCC should be disabled and reenabled after any dynamic change in its parallel
I/O ports or serial channel physical interface configuration. A full reset using CPCR[RST] is a
comprehensive reset that also can be used.
30.10 FCC Interrupt Handling
The following describes what usually occurs within an FCC interrupt handler:
1. When an interrupt occurs, read FCCE to determine interrupt sources. FCCE bits to be handled in
this interrupt handler are normally cleared at this time.
2. Process the TxBDs to reuse them if the FCCE[TX,TXE] were set. If the transmit speed is fast or
the interrupt delay is long, more than one transmit buffer may have been sent by the FCC. Thus, it
is important to check more than just one TxBD during the interrupt handler. One common practice
is to process all TxBDs in the interrupt handler until one is found with R set.
3. Extract data from the RxBD if FCCE[RX, RXB, or RXF] is set. If the receive speed is fast or the
interrupt delay is long, the FCC may have received more than one receive buffer. Thus, it is
important to check more than just one RxBD during interrupt handling. Typically, all RxBDs in the
interrupt handler are processed until one is found with E set. Because the FCC prefetches BDs, the
BD table must be big enough such that always there will be another empty BD to prefetch.
4. Clear FCCE.
5. Continue normal execution.
30.10.1 FCC Transmit Errors
There are four errors in the FCC transmitter that make it necessary for software to act on the transmitter
before correct operation can continue. The errors are as follows:
•
CTS-lost indication in HDLC transmitter (use re-initialization procedure)
•
Underrun in any of the serial FCC transmitter protocols (use re-initialization procedure)
•
Late collision in fast Ethernet transmitter (use recovery or re-initialization procedure)
•
Expiration of retry limit in fast Ethernet (use recovery or re-initialization procedure)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com