Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 957 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 957 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 953Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 954Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 955Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 956Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 957Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 958Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 959Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 960Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 961Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 957 / 1386 page
background image
Fast Communications Controllers (FCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
30-19
Figure 30-11. CTS Lost
NOTE
If GFMR[CTSS] = 1, all CTS transitions must occur while the transmit
clock is low.
Reception delays are determined by CD as Figure 30-12 shows. If GFMR[CDS] = 0, CD is sampled on
the rising receive clock edge before data is received. If GFMR[CDS] = 1, CD transitions immediately
cause data to be gated into the receiver.
1. GFMR[CTSS] = 0. CTSP=0 or no CTS lost can occur.
TCLK
TXD
First Bit of Frame Data
Note:
CTS Sampled Low
1. GFMR[CTSS] = 1. CTSP=0 or no CTS lost can occur.
TCLK
First Bit of Frame Data
Note:
CTS Sampled High
Data Forced High
RTS Forced High
Data Forced High
RTS Forced High
CTS Lost Signaled in BD
CTS Lost Signaled in BD
(Output)
RTS
(Output)
CTS
(Input)
CTS
(Input)
RTS
(Output)
TXD
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com