Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 961 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 961 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 957Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 958Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 959Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 960Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 961Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 962Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 963Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 964Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 965Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 961 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-1
Chapter 31
ATM Controller and
AAL0, AAL1, and AAL5
NOTE
The functionality described in this chapter is not available on the MPC8270.
The ATM controller provides the ATM and AAL layers of the ATM protocol using the universal test and
operations physical layer (PHY) interface for ATM (UTOPIA level II) for both master and slave modes. It
performs segmentation and reassembly (SAR) functions of AAL5, AAL1 circuit emulation service (CES),
AAL2, and AAL0, and most of the common parts of the convergence sublayer (CP-CS) of these protocols.
For each virtual channel (VC), the controller’s ATM pace control (APC) unit generates a cell transmission
rate to implement constant bit rate (CBR), variable bit rate (VBR), available bit rate (ABR), unspecified
bit rate (UBR) or UBR+ traffic. To regulate VBR traffic, the APC unit performs a continuous-state leaky
bucket algorithm. The APC unit also uses up to eight priority levels to prioritize real-time ATM channels,
such as CBR and real-time VBR, over non-real-time ATM channels such as VBR, ABR and UBR.
The ATM controller performs the ATM Forum (UNI-4.0) ABR flow control. To perform feedback rate
adaptation, it supports forward and backward resource management (RM) cell generation and ATM Forum
floating-point calculation. ABR flow control is implemented in hardware and firmware (without software
intervention) to prevent potential delays during backward RM cell processing and feedback rate
adaptation.
The MPC8280 supports a special mode for ATM/TDM interworking. The CPM performs automatic data
forwarding between ATM channels and the MCCs’ TDM channels without core intervention.
The MPC8280 ATM SAR controller applications are as follows:
•
ATM line card controllers
•
ATM-to-WAN interworking (frame relay, T1/E1 circuit emulation)
•
Residential broadband network interface units (NIU) (ATM-to-Ethernet)
•
High-performance ATM network interface cards (NIC)
•
Bridges and routers with ATM interface
31.1
Features
The ATM controller has the following features:
•
Full duplex segmentation and reassembly at 155 Mbps
•
UTOPIA level II master and slave modes 8/16 bit
•
AAL5, AAL1, AAL2, AAL0 protocols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com