Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 962 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 962 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 958Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 959Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 960Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 961Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 962Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 963Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 964Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 965Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 966Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 962 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-2
Freescale Semiconductor
•
Up to 255 active VCs internally, and up to 64K VCs using external memory
•
TM 4.0 CBR, VBR, UBR, UBR+ traffic types
•
VBR type 1 and 2 traffic using leaky buckets (GCRA)
•
TM 4.0 ABR flow control (EFCI and ER)
•
Idle/unassign cells screening/transmission option
•
External and internal rate transmit modes
•
Special mode for ATM-to-TDM or ATM-to-ATM data forwarding
•
CLP and congestion indication marking
•
User-defined cells up to 65 bytes
•
Separate TxBD and RxBD tables for each virtual channel (VC)
•
Special mode of global free buffer pools for dynamic and efficient memory allocation with early
packet discard (EPD) support
•
Interrupt report per channel using four priority interrupt queues
•
Compliant with ATMF UNI 4.0 and ITU specification
•
AAL5 cell format
— Reassembly
– Reassemble PDU directly to external memory
– CRC32 check
– CLP and congestion report
– CPCS_UU, CPI, and length check
– Abort message report
— Segmentation
– Segment PDU directly from external memory
– Performs PDU padding
– CRC32 generation
– Automatic last cell marking
– Automatic CPCS_UU, CPI, and length insertion
– Abort message option
•
AAL1 cell format
— Reassembly
– Reassemble PDU directly to external memory
– Support for partially filled cells (configurable on a per-VC basis)
– Sequence number check
– Sequence number protection (CRC-3 and parity) check
— Segmentation
– Segment PDU directly from external memory
– Partially filled cells support (configurable on a per-VC basis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com