Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 963 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 963 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 959Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 960Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 961Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 962Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 963Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 964Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 965Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 966Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 967Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 963 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-3
– Sequence number generation
– Sequence number protection (CRC-3 and even parity) generation
— Structured AAL1 cell format
– Automatic synchronization using the structured pointer during reassembly
– Structured pointer generation during segmentation
— Unstructured AAL1 cell format
– Clock recovery using external SRTS (synchronous residual time stamp) logic during
reassembly
– SRTS generation using external logic during segmentation
•
AAL0 format
— Receive
– Whole cell is put in memory
– CRC10 pass/fail indication
— Transmit
– Reads a whole cell from memory
– CRC10 insertion option
•
AAL1 circuit emulation service (refer to Chapter 32, “ATM AAL1 Circuit Emulation Service,” for
more information)
•
AAL2 format
— Refer to Chapter 33, “ATM AAL2”
•
Support for user-defined cells
— Support cells up to 65 bytes
— Extra header insert/load on a per-frame basis
— Extra header size has byte resolution
— Asymmetric cell size for send and receive
— HEC octet insertion option
•PHY
— UTOPIA level II supports 8/16 bits 25/50 MHz
– Supports UTOPIA master and slave modes
– Supports cell-level handshake
– Supports multiple-PHY polling mode
•
ATM pace control (APC) unit
— Peak cell rate pacing on a per-VC basis
— Peak-and-sustain cell rate pacing using GCRA on a per-VC basis
— Peak-and-minimum cell rate pacing on a per-VC basis
— Up to eight priority levels
— Fully managed by CP with no host intervention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com