Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 966 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 966 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 962Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 963Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 964Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 965Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 966Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 967Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 968Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 969Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 970Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 966 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-6
Freescale Semiconductor
the SRTS code from the external logic and inserts it into four outgoing cells. See Section 31.16, “SRTS
Generation and Clock Recovery Using External Logic.”
For the structured format, the transmitter reads 47 or 46 bytes from the external buffer and inserts them
into the AAL1 user data field. The CP generates the AAL1 PDU header and inserts it into the cell. The
header consists of the SN, SNP, and the structured pointer.
The MPC8280 supports partially filled cells configured on a per-VC basis. In this mode (TCT[PFM] = 1),
only valid octets are copied from the buffer to the ATM cell; the rest of the cell is filled with padding octets.
31.2.1.2.1
AAL1 CES Transmitter Overview
Refer to Section 32.2, “AAL1 CES Transmitter Overview.”
31.2.1.3
AAL0 Transmitter Overview
No specific adaptation layer is provided for AAL0. The ATM controller reads a whole cell from an external
buffer, which always contains exactly one AAL0 cell. The ATM controller optionally generates CRC10
on the cell payload and places it at the end of the payload (CRC10 field). AAL0 mode can be used to send
OAM cells or AAL3/4 raw cells.
31.2.1.4
AAL2 Transmitter Overview
Refer to Section 33.3.1, “Transmitter Overview.”
31.2.1.5
Transmit External Rate and Internal Rate Modes
The ATM controller supports the following two rate modes:
•
External rate mode—The total transmission rate is determined by the PHY transmission rate. The
FCC sends cells to keep the PHY FIFOs full; the FCC inserts idle/unassign cells to maintain the
transmission rate.
•
Internal rate mode—The total transmission rate is determined by the FCC internal rate timers. In
this mode, the FCC does not insert idle/unassign cells. The internal rate mechanism supports up to
4 different rates. Each PHY has its own FTIRR, described in Section 31.15.1.1, “FCC Transmit
Internal Rate Register (FTIRRx).” The FTIRR includes the initial value of the internal rate timer.
A cell transmit request is sent when an internal rate timer expires. When using internal rate mode,
the user assigns one of the baud-rate generators (BRGs) to clock the four internal rate timers.
31.2.2
Receiver Overview
Before the receiver is enabled, the host must initialize the MPC8280 and create the receive data structure
described in Section 31.10, “ATM Memory Structure.” The host arranges a BD table for each ATM
channel. Buffers for each connection can be statically allocated (that is, each BD in the BD table is
associated with a fixed buffer location) or in the case of AAL5, can be fetched by the CP from a global
free buffer pool. See Section 31.10.5, “ATM Controller Buffer Descriptors (BDs).”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com